Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T65 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T65
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T65 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T65 Datasheet HTML 19Page - STMicroelectronics M41T65 Datasheet HTML 20Page - STMicroelectronics M41T65 Datasheet HTML 21Page - STMicroelectronics M41T65 Datasheet HTML 22Page - STMicroelectronics M41T65 Datasheet HTML 23Page - STMicroelectronics M41T65 Datasheet HTML 24Page - STMicroelectronics M41T65 Datasheet HTML 25Page - STMicroelectronics M41T65 Datasheet HTML 26Page - STMicroelectronics M41T65 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
23/33
M41T62/63/64/65
Century Bits
These two bits will increment in a binary fashion at
the turn of the century, and handle all leap years
correctly. See Table 10., page 23 for additional
explanation.
Output Driver Pin (M41T62/65)
When the OFIE Bit, AFE Bit, and watchdog regis-
ter are not set to generate an interrupt, the IRQ/
OUT pin becomes an output driver that reflects the
contents of D7 of the Calibration Register. In other
words, when D7 (OUT Bit) is a '0,' then the IRQ/
OUT pin will be driven low.
Note: The IRQ/OUT pin is an open drain which re-
quires an external pull-up resistor.
Oscillator Stop Detection
If the Oscillator Fail (OF) Bit is internally set to a '1,'
this indicates that the oscillator has either stopped,
or was stopped for some period of time and can be
used to judge the validity of the clock and date da-
ta. This bit will be set to '1' any time the oscillator
stops.
In the event the OF Bit is found to be set to '1' at
any time other than the initial power-up, the STOP
Bit (ST) should be written to a '1,' then immediately
reset to '0.' This will restart the oscillator.
The following conditions can cause the OF Bit to
be set:
–
The first time power is applied (defaults to a '1'
on power-up).
Note: If the OF Bit cannot be written to '1' four
(4) seconds after the initial power-up, the
STOP Bit (ST) should be written to a '1,' then
immediately reset to '0.'
–
The voltage present on VCC or battery is
insufficient to support oscillation.
–
The ST Bit is set to '1.'
–
External interference of the crystal
If the Oscillator Fail Interrupt Enable Bit (OFIE) is
set to a '1,' the IRQ pin will also be activated. The
IRQ output is cleared by resetting the OFIE or OF
Bit to '0' (NOT by reading the Flag Register).
The OF Bit will remain set to '1' until written to logic
'0.' The oscillator must start and have run for at
least 4 seconds before attempting to reset the OF
Bit to '0.' If the trigger event occurs during a power-
down condition, this bit will be set correctly.
Initial Power-on Defaults
Upon application of power to the device, the regis-
ter bits will initially power-on in the state indicated
in Table 9.
Table 9. Initial Power-on Default Values
Note: 1. All other control bits power-up in an undetermined state.
Table 10. Century Bits Examples
Note: 1. Leap year occurs every four years (for years evenly divisible by four), except for years evenly divisible by 100. The only exceptions
are those years evenly divisible by 400 (the year 2000 was a leap year, year 2100 is not).
Condition
Device
ST
OF
OFIE
OUT
FT
AFE
SQWE
32KE
RS3-1
RS0
Watchdog
Initial
Power-up(1)
M41T62
0
1
0
1
N/A
0
1
N/A
0
1
0
M41T63
0
1
N/A
N/A
N/A
N/A
1
N/A
0
1
0
M41T64
0
1
N/A
N/A
N/A
N/A
0
1
0
1
0
M41T65
0
1
0
1
0
0
N/A
N/A
N/A
N/A
0
CB0
CB1
Leap Year?
Example(1)
00
Yes
2000
0
1
No
2100
1
0
No
2200
1
1
No
2300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com