Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T65 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T65
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T65 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T65 Datasheet HTML 9Page - STMicroelectronics M41T65 Datasheet HTML 10Page - STMicroelectronics M41T65 Datasheet HTML 11Page - STMicroelectronics M41T65 Datasheet HTML 12Page - STMicroelectronics M41T65 Datasheet HTML 13Page - STMicroelectronics M41T65 Datasheet HTML 14Page - STMicroelectronics M41T65 Datasheet HTML 15Page - STMicroelectronics M41T65 Datasheet HTML 16Page - STMicroelectronics M41T65 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13/33
M41T62/63/64/65
CLOCK OPERATION
The M41T6x is driven by a quartz-controlled oscil-
lator with a nominal frequency of 32.768kHz. The
accuracy of the Real-Time Clock depends on the
frequency of the quartz crystal that is used as the
time-base for the RTC.
The
eight
byte
clock
register
(see
Table
3., M41T62 Register Map, Table 4., M41T63 Reg-
ister Map, Table 5., M41T64 Register Map, and
Table 6., M41T65 Register Map) is used to both
set the clock and to read the date and time from
the clock, in a binary coded decimal format.
Tenths/Hundredths of Seconds, Seconds, Min-
utes, and Hours are contained within the first four
registers.
Note: A WRITE to any clock register will result in
the Tenths/Hundredths of Seconds being reset to
“00,” and Tenths/Hundredths of Seconds cannot
be written to any value other than “00.”
Bits D0 through D2 of Register 04h contain the
Day (day of week). Registers 05h, 06h, and 07h
contain the Date (day of month), Month, and
Years. The ninth clock register is the Calibration
Register (this is described in the Clock Calibration
section). Bit D7 of Register 01h contains the STOP
Bit (ST). Setting this bit to a '1' will cause the oscil-
lator to stop. When reset to a '0' the oscillator re-
starts within one second (typical).
Note: Upon initial power-up, the user should set
the ST Bit to a '1,' then immediately reset the ST
Bit to '0.' This provides an additional “kick-start” to
the oscillator circuit.
Bit D7 of Register 02h (Minute Register) contains
the Oscillator Fail Interrupt Enable Bit (OFIE).
When the user sets this bit to '1,' any condition
which sets the Oscillator Fail Bit (OF) (see Oscilla-
tor Stop Detection, page 23) will also generate an
interrupt output.
Bits D6 and D7 of Clock Register 06h (Century/
Month Register) contain the CENTURY Bit 0
(CB0) and CENTURY Bit 1 (CB1).
Note: A WRITE to ANY location within the first
eight bytes of the clock register (00h-07h), includ-
ing the OFIE Bit, RS0-RS3 Bit, and CB0-CB1 Bits
will result in an update of the system clock and a
reset of the divider chain. This could result in an in-
advertent change of the current time. These non-
clock related bits should be written prior to setting
the clock, and remain unchanged until such time
as a new clock time is also written.
The eight Clock Registers may be read one byte at
a time, or in a sequential block. Provision has been
made to assure that a clock update does not occur
while any of the eight clock addresses are being
read. If a clock address is being read, an update of
the clock registers will be halted. This will prevent
a transition of data during the READ.
TIMEKEEPER® Registers
The M41T6x offers 16 internal registers which
contain Clock, Calibration, Alarm, Watchdog,
Flags, and Square Wave. The Clock registers are
memory locations which contain external (user ac-
cessible) and internal copies of the data (usually
referred to as BiPORT™ TIMEKEEPER cells). The
external copies are independent of internal func-
tions except that they are updated periodically by
the simultaneous transfer of the incremented inter-
nal copy. The internal divider (or clock) chain will
be reset upon the completion of a WRITE to any
clock address (00h to 07h).
The system-to-user transfer of clock data will be
halted whenever the address being read is a clock
address (00h to 07h). The update will resume ei-
ther due to a Stop Condition or when the pointer
increments to a non-clock address.
TIMEKEEPER and Alarm Registers store data in
BCD format. Calibration, Watchdog, and Square
Wave Bits are written in a Binary Format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com