Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC-RSC-220DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSC-220DC
Description  PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-220DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSC-220DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-220DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-220DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-220DC Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2987286
07/23/2018   Page 1 / 4
Relay Module - PLC-RSC-220DC/21AU - 2987286
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in
miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V
DC
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4046356337267
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
220 V DC
Typical input current at UN
3 mA
Typical response time
7 ms
Typical release time
15 ms
Coil voltage
60 V DC
Protective circuit
Reverse polarity protection Polarity protection diode


Similar Part No. - PLC-RSC-220DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-230UC PHOENIX-PLC-RSC-230UC Datasheet
87Kb / 5P
PLC-INTERFACE, consisting of DIN-rail-mountable basic terminal block in 14 mm with screw connection
PLC-RSC-24DC PHOENIX-PLC-RSC-24DC Datasheet
116Kb / 11P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 1 PDT, input voltage: 24 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2 and ATEX (Zone 2)
PLC-RSC-24UC PHOENIX-PLC-RSC-24UC Datasheet
208Kb / 6P
The illustration shows the version PLC-RSC- 24DC/21-21
More results

Similar Description - PLC-RSC-220DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RPIT-12DC PHOENIX-PLC-RPIT-12DC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 12 V DC
PLC-RPIT-48DC PHOENIX-PLC-RPIT-48DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 48 V DC
PLC-RPIT-60DC PHOENIX-PLC-RPIT-60DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 60 V DC
PLC-RPIT-230UC PHOENIX-PLC-RPIT-230UC Datasheet
146Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with multi-layer contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 230 V AC/220 V DC
PLC-RPT-12DC PHOENIX-PLC-RPT-12DC Datasheet
99Kb / 6P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PLC-RPT-120UC PHOENIX-PLC-RPT-120UC Datasheet
130Kb / 12P
PLC-INTERFACE, consisting of PLC-BPT.../21 basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 120 V AC/110 V DC
PLC-RPT-230UC PHOENIX-PLC-RPT-230UC Datasheet
90Kb / 6P
PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input voltage 230 V AC/220 V DC
PLC-RSC-36DC PHOENIX-PLC-RSC-36DC Datasheet
75Kb / 4P
PLC-INTERFACE, comprising PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer contact, for mounting on NS 35/7.5 DIN rail, 1 PDT, 36 V DC input voltage
PLC-RSC-125DC PHOENIX-PLC-RSC-125DC Datasheet
143Kb / 6P
PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com