Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC-RSC-220DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSC-220DC
Description  PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-220DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSC-220DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-220DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-220DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-220DC Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2987286
07/23/2018   Page 3 / 4
Relay Module - PLC-RSC-220DC/21AU - 2987286
Technical data
General
Test voltage relay winding/relay contact
4 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay base)
Mechanical service life
2x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Connection in acc. with standard
CUL
Designation
Air clearances and creepage distances between the power circuits
Standards/regulations
IEC 60664
IEC 60664A
DIN VDE 0110
DIN EN 50178/VDE 0160
IEC 60255/DIN VDE 0435 (in relevant parts)
Rated surge voltage
4 kV
Insulation
Basic insulation
Safe isolation, reinforced insulation, and 6 kV between input circuit and
output contact current paths
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
UL Listed / cUL Listed / UL Recognized / cUL Recognized / EAC / RC FRT / cULus Recognized / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 172140



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com