Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP3012TA-R33M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP3012TA-R33M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP3012TA-R33M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP3012TA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 4Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SRP3012TASeries–ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
L vs. I Charts
03.6
10.8
7.2
14.418
SRP3012TA-R15Y
0
0.05
0.10
0.15
0.20
0.25
DC Current (A)
0
20
40
60
80
100
DC Current (A)
0.35
0.28
0.21
0.14
0.07
0
SRP3012TA-R22M
90
72
54
36
18
0
SRP3012TA-R33M
0.60
0.48
0.36
0.24
0.12
0
DC Current (A)
02
46
810
80
64
48
32
16
0
SRP3012TA-R36M
0.60
0.48
0.36
0.24
0.12
0
DC Current (A)
02
6
48
10
0
16
32
48
64
80
SRP3012TA-R47M
0.80
0.64
0.48
0.32
0.16
0
DC Current (A)
01.6
3.24.8
6.48.0
80
64
48
32
16
0
0.90
0.72
0.54
0.36
0.18
0
DC Current (A)
SRP3012TA-R56M
01.4
2.84.2
5.67.0
80
64
48
32
16
0
02.4
4.87.2
9.612
SRP3012TA-R68M
1.10
0.88
0.66
0.44
0.22
0
DC Current (A)
01.4
2.84.2
5.67.0
80
64
48
32
16
0
SRP3012TA-R82M
1.5
1.2
0.9
0.6
0.3
0
DC Current (A)
01.4
2.84.2
5.67.0
80
72
54
36
18
0
SRP3012TA-1R0M
1.5
1.2
0.9
0.6
0.3
0
DC Current (A)
01.4
2.84.2
5.67.0
90
72
54
36
18
0
SRP3012TA-1R5M
2.5
2.0
1.5
1.0
0.5
0
DC Current (A)
01
3
24
5
80
60
40
20
0
SRP3012TA-2R2M
3.5
2.8
2.1
1.4
0.7
0
DC Current (A)
01
3
24
5
90
72
54
36
18
0
SRP3012TA-3R3M
5
4
3
2
1
0
DC Current (A)
00.8
1.62.4
3.24.0
100
80
60
40
20
0
SRP3012TA-4R7M
7.0
5.6
4.2
2.8
1.4
0
DC Current (A)
00.7
1.42.1
2.83.5
90
72
54
36
18
0
SRP3012TA-5R6M
10
8
6
4
2
0
DC Current (A)
00.6
1.21.8
2.43.0
100
80
60
40
20
0
SRP3012TA-6R8M
11.0
8.8
6.6
4.4
2.2
0
DC Current (A)
00.6
1.21.8
2.43.0
100
80
60
40
20
0
SRP3012TA-8R2M
12.0
9.6
7.2
4.8
2.4
0
DC Current (A)
00.5
1.01.5
2.02.5
90
72
54
36
18
0
SRP3012TA-100M
15
12
9
6
3
0
DC Current (A)
00.4
0.81.2
1.62.0
90
72
54
36
18
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com