Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP3012TA-R33M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP3012TA-R33M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP3012TA-R33M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP3012TA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 4Page - Bourns Electronic Solutions SRP3012TA-R33M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Inductancerange0.15to10µH
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
Applications
n
Selectedautomotiveapplications:
- Driverassistant
- Infotainment
- Lighting
n
DC/DCconverters
n
Powersupplies
SRP3012TASeries–ShieldedPowerInductors
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................-40 °C to +150 °C
(Temperature rise included)
Storage Temperature (Component)
................................-40 °C to +150 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise ... 40 °C at rated Irms1
MSL ......................................................1
ESD Classification (HBM).................N/A
Note1:Circuitdesign,component,PCBtracesize
andthickness,airflowandothercoolingprovisionsall
affecttheparttemperature.Parttemperatureshouldbe
verifiedintheendapplication.
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 100 kHz / 1 V
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
I rms
(A)
Typ.
I sat
(A)
Typ.
L (µH)
Tol. %
SRP3012TA-R15Y
0.15
± 30 %
195
9.6
11
10
14
SRP3012TA-R22M
0.22
± 20 %
170
14
17
6.5
10
SRP3012TA-R33M
0.33
± 20 %
150
16
20
6.2
9.2
SRP3012TA-R36M
0.36
± 20 %
125
18.5
23
6.0
8.5
SRP3012TA-R47M
0.47
± 20 %
107
25
30
5.0
7.2
SRP3012TA-R56M
0.56
± 20 %
90
31
36
4.5
6.6
SRP3012TA-R68M
0.68
± 20 %
85
34
40
4.0
6.1
SRP3012TA-R82M
0.82
± 20 %
71
41
48
3.5
5.8
SRP3012TA-1R0M
1.0
± 20 %
65
50
60
3.3
5.5
SRP3012TA-1R5M
1.5
± 20 %
55
71
85
3.0
4.0
SRP3012TA-2R2M
2.2
± 20 %
45
98
115
2.7
3.4
SRP3012TA-3R3M
3.3
± 20 %
40
191
210
2.0
3.1
SRP3012TA-4R7M
4.7
± 20 %
35
266
293
1.6
2.8
SRP3012TA-5R6M
5.6
± 20 %
32
310
360
1.5
2.2
SRP3012TA-6R8M
6.8
± 20 %
29
360
400
1.4
2.0
SRP3012TA-8R2M
8.2
± 20 %
26
420
463
1.2
1.7
SRP3012TA-100M
10
± 20 %
23
498
550
1.0
1.4
General Specifications
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ..............................Sn/Ni
Packaging..... 4000 pcs. per 13-inch reel
Materials
Schematic
How to Order
SRP3012TA - 1R0M
Model
Value Code (see table)
100
1720
100
1720
9.60±0.2
(.378±.008)
9.60±0.2
(.378±.008)
8.7±0.25
(.343±.010)
0.15
(.006)
12.0±0.2
(.472±.008)
2.8±0.10
(.110±.004)
3.4
(.134)
MIN.
11.3±0.3
(.445±.012)
2.3±0.3
(.091±.012)
2.5±0.3
(.098±.012)
1.95±0.15
(.077±.006)
2.8±0.10
(.110±.004)
1.50
(.059)
2.9
(.114)
3.4
(.134)
9.7
(.382)
3.3
(.130)
≤
S
F
F
S
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
1.0
3.5±0.2
(.138±.008)
1.0±0.2
(.039±.008)
1.2±0.2
(.047±.008)
0.7±0.2
(.028±.008)
3.2±0.2
(.126±.008)
Product Dimensions
4.1
(.161)
1.45
(.057)
1.9
(.075)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
1.0


Similar Part No. - SRP3012TA-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP3012C BOURNS-SRP3012C Datasheet
207Kb / 5P
SRP3012C Series ??Shielded Power Inductors
SRP3012C-100M BOURNS-SRP3012C-100M Datasheet
207Kb / 5P
SRP3012C Series ??Shielded Power Inductors
SRP3012C-1R0M BOURNS-SRP3012C-1R0M Datasheet
207Kb / 5P
SRP3012C Series ??Shielded Power Inductors
SRP3012C-1R5M BOURNS-SRP3012C-1R5M Datasheet
207Kb / 5P
SRP3012C Series ??Shielded Power Inductors
SRP3012C-2R2M BOURNS-SRP3012C-2R2M Datasheet
207Kb / 5P
SRP3012C Series ??Shielded Power Inductors
More results

Similar Description - SRP3012TA-R33M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com