Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCV1707R1-R48-R Datasheet(PDF) 37 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 37 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 33Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 34Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 35Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 36Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 37Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 38Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 39Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 40Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 41Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 37 of 41
03/2018
PI352x-00
Layout Guidelines
To optimize maximum efficiency and low noise performance
from a PI352x-00 design, layout considerations are necessary.
Reducing trace resistance and minimizing high current loop
returns along with proper component placement will contribute
to optimized performance.
A typical buck converter circuit is shown in Figure 97. The
potential areas of high parasitic inductance and resistance are the
circuit return paths, shown as LR below.
The path between the COUT and CIN capacitors is of particular
importance since the AC currents are flowing through both of
them when Q1 is turned on. Figure 98, schematically, shows the
reduced trace length between input and output capacitors. The
shorter path lessens the effects that copper trace parasitics can
have on the PI352x-00 performance.
When Q1 is on and Q2 is off, the majority of CIN’s current is used
to satisfy the output load and to recharge the COUT capacitors.
When Q1 is off and Q2 is on, the load current is supplied by the
inductor and the COUT capacitor as shown in Figure 99. During
this period CIN is also being recharged by the VIN. Minimizing CIN
loop inductance is important to reduce peak voltage excursions
when Q1 turns off. Also, the difference in area between the CIN
loop and COUT loop is vital to minimize switching and GND noise.
Figure 100 illustrates the tight path between CIN and COUT
(and VIN and VOUT) for the high AC return current. The
PI352x-00 evaluation board uses a layout optimized for
performance in this way.
C
OUT
C
IN
V
IN
Figure 97 — Typical Buck Regulator
C
OUT
V
IN
C
IN
Figure 98 — Current flow: Q1 closed
C
OUT
V
IN
C
IN
Figure 99 — Current flow: Q2 closed
PGND
PGND
VOUT
VS1
VIN
Inductor
ZVS-
Buck
SIP
Figure 100 — Recommended layout for Optimized AC Current
within the SiP, Inductor, and Ceramic Input and
Output Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com