Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCV1707R1-R48-R Datasheet(PDF) 30 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 30 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 26Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 27Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 28Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 29Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 30Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 31Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 32Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 33Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 34Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 30 of 41
03/2018
PI352x-00
Input Overvoltage Lockout
If VIN exceeds the input Overvoltage Lockout (OVLO) threshold
(VOVLO), while the controller is running, the PI352x-00 will
complete the current cycle and stop switching. If VIN remains
above OVLO for at least tFR_DLY, then the input voltage is
considered reestablished once VIN goes below VOVLO-VOVLO_HYS.
If VIN goes below OVLO before tFR_DLY elapses, then the input
voltage is considered reestablished once VIN goes below VOVLO.
The system will soft start once the input voltage is reestablished
and after the Fault Restart Delay.
Output Overvoltage Protection
The PI352x-00 family is equipped with output Overvoltage
Protection (OVP) to prevent damage to input voltage sensitive
devices. If the output voltage exceeds VOVP-REL or VOVP-ABS, the
regulator will complete the current cycle and stop switching. The
system will resume operation once the output voltage falls below
the OVP threshold and after Fault Restart Delay.
Overtemperature Protection
The PI352x features an over temperature protection (OTP), which
will not engage until after the product is operated above the
maximum rated temperature. The OTP circuit is only designed to
protect against catastrophic failure due to excessive temperatures
and should not be relied upon to ensure the device stays within
the recommended operating temperature range. Thermal
shutdown terminates switching and discharges the soft-start
capacitor. The PI352x will restart after the excessive temperature
has decreased by 30ºC
Pulse Skip Mode (PSM)
PI352x-00 features a Pulse Skip Mode (PSM) to achieve high
efficiency at light loads. The regulators are setup to skip pulses
if EAO falls below a PSM threshold (PSMSKIP). Depending on
conditions and component values, this may result in single pulses
or several consecutive pulses followed by skipped pulses. Skipping
cycles significantly reduces gate drive power and improves light
load efficiency. The regulator will leave PSM once the EAO rises
above the Pulse Skip Mode threshold.
Variable Frequency Operation
Each PI352x-00 is preprogrammed to a base operating frequency,
with respect to the power stage inductor (see Table 2), to operate
at peak efficiency across line and load variations. At low line
and high load applications, the base frequency will decrease to
accommodate these extreme operating ranges. By stretching
the frequency, the ZVS operation is preserved throughout
the total input line voltage range therefore maintaining
optimum efficiency.
Thermal Characteristics
Figure 89(a) and 83(c) thermal impedance models that can predict
the maximum temperature of the hottest component for a given
operating condition. This model assumes that all customer PCB
connections are at one temperature, which is PCB equivalent
Temperature TPCB °C.
The SiP model can be simplified as shown in Figure 89(b). which
assumes all PCB nodes are at the same temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com