Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC2416 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 17Page - STMicroelectronics STLC2416 Datasheet HTML 18Page - STMicroelectronics STLC2416 Datasheet HTML 19Page - STMicroelectronics STLC2416 Datasheet HTML 20Page - STMicroelectronics STLC2416 Datasheet HTML 21Page - STMicroelectronics STLC2416 Datasheet HTML 22Page - STMicroelectronics STLC2416 Datasheet HTML 23Page - STMicroelectronics STLC2416 Datasheet HTML 24Page - STMicroelectronics STLC2416 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21/27
STLC2416
8.4 USB Interface
The USB interface is compliant with the USB 2.0 full speed specification. Max throughput on the USB in-
terface is 12 Mbit/s.
Figure 9 gives an overview of the main components needed for supporting the USB interface, as specified
in the Bluetooth™ Core Specification. For clarity, the serial interface (including the UART Transport Layer)
is also shown.
Figure 9. USB Interface
The USB device registers and FIFOs are memory mapped. The USB Driver will use these registers to ac-
cess the USB interface. The equivalent exists for the HCI communication over UART.
For transmission to the host, the USB & Serial Drivers interface with the HW via a set of registers and
FIFOs, while in the other direction, the hardware may trigger the Drivers through a set of interrupts (iden-
tified by the RTOS, and directed to the appropriate Driver routines).
8.5 JTAG Interface
The JTAG interface is compliant with the JTAG IEEE Std 1149.1. Its allows both the boundary scan of the
digital pins and the debug of the ARM7TDMI application when connected with the standard ARM7 devel-
opment tools.
8.6 RF Interface
The STLC2416 radio interface is compatible to BlueRF (unidirectional RxMode2 for data and unidirection-
al serial interface for control).
8.7 PCM voice interface
The voice interface is a direct PCM interface to connect to a standard CODEC (e.g. STw5093 or
STw5094) including internal decimator and interpolator filters. The data can be linear PCM (13-16bit), µ-
Law (8bit) or A-Law (8bit). By default the codec interface is configured as master. The encoding on the air
interface is programmable to be CVSD, A-Law or µ-Law.
HCI
USB TRANSPORT LAYER
UART TRANSPORT LAYER
RTOS
STLC2416 HW
USB DRIVER
SERIAL DRIVER
UART
DEVICE
REGISTERS
FIFOs
USB
DEVICE
REGISTERS
FIFOs
IRQ
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com