Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC2416 Datasheet (PDF) - STMicroelectronics

STLC2416 Datasheet PDF - STMicroelectronics
Part # STLC2416
Download  STLC2416 Download
File Size   251.0 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BLUETOOTH BASEBAND WITH INTEGRATED FLASH

STLC2416 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC2416 Datasheet PDF - STMicroelectronics

Part # STLC2416
Download  STLC2416 Click to download

File Size   251.0 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BLUETOOTH BASEBAND WITH INTEGRATED FLASH

STLC2416 Datasheet (HTML) - STMicroelectronics


STLC2416 Product details

DESCRIPTION
The STLC2416 from STMicroelectronics is a Bluetooth™ baseband controller with integrated 4 Mbit flash memory. Together with a Bluetooth™ Radio this product offers a compact and complete solution for short-range wireless connectivity. It incorporates all the lower layer functions of the Bluetooth™ protocol.
The microcontroller allows the support of all data packets of Bluetooth™ in addition to voice. The embedded controller can be used to run the Bluetooth™ protocol and application layers if required. The software is located in the integrated flash memory.

FEATURES
■ Pin to pin compatible with the previous version STLC2415
■ Ericsson Technology Licensing Baseband Core (EBC)
■ Bluetooth™ specification compliance: V1.1 and V1.2
■ SW compatible with STLC2411-M28R400CT combination
■ 2 layer class 4 PCB compatible
■ Point-to-point, point-to-multi-point (up to 7 slaves) and scatternet capability
■ Asynchronous Connection Oriented (ACL) logical transport link
■ Synchronous Connection Oriented (SCO) links: 2 simultaneous SCO channels
■ Supports Pitch-Period Error Concealment (PPEC)
   – Improves speech quality in the vicinity of interference
   – Improves coexistence with WLAN
   – Works at receiver, no Bluetooth implication
■ Adaptive Frequency Hopping (AFH): hopping kernel, channel assessment as Master and as Slave
■ Faster Connection: Interlaced scan for Page and Inquiry scan, first FHS without random backoff, RSSI used to limit range
■ Extended SCO (eSCO) links
■ Standard BlueRF bus interface
■ QoS Flush
■ Clock support
   – System clock input: any integer value from 12 … 33 MHz
   – LPO clock input at 3.2 and 32 kHz or via the embedded 32 kHz crystal oscillator cell
■ ARM7TDMI 32-bit CPU
■ Memory organization
   – Integrated 4Mbit flash
   – 64KByte on-chip RAM
   – 4KByte on-chip boot ROM
■ Low power architecture with 2 different low power levels:
   – Sleep Mode
   – Deep Sleep Mode
■ HW support for packet types
   – ACL: DM1, 3, 5 and DH1, 3, 5
   – SCO: HV1, 3 and DV
   – eSCO: EV3, 5
■ Communication interfaces
   – Synchronous Serial Interface, supporting up to 32 bit data and different industry standards
   – Two enhanced 16550 UARTs with 128 byte FIFO depth
   – 12Mbps USB interface
   – Fast master I2C bus interface
   – Multi slot PCM interface
   – 16 programmable GPIOs
   – 2 external interrupts and various interrupt possibilities through other interfaces
■ Efficient support for WLAN coexistence in collocated scenario
■ Ciphering support for up to 128-bit key
■ Receiver Signal Strength Indication (RSSI) support for power-controlled links
■ Separate control for external power amplifier (PA) for class1 power support.
■ Software support
   – Low level (up to HCI) stack or embedded stack with profiles
   – Support of UART and USB HCI transport layers.

Applications Features
Typical applications in which the STLC2416 can be used are:
■ Cable replacement
■ Portable computers, PDA
■ Modems
■ Handheld data transfer devices
■ Cameras
■ Computer peripherals
■ Other type of devices that require the wireless communication provided by Bluetooth™




Similar Part No. - STLC2416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Rev. 2
More results


Similar Description - STLC2416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
Bluetooth baseband controller
Rev. 01-23 April 2004
logo
STMicroelectronics
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Rev. 2
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
Bluetooth Baseband Controller
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
Bluetooth Baseband Controller IC
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
Bluetooth Baseband Controller
logo
STMicroelectronics
STA2416 STMICROELECTRONICS-STA2416 Datasheet
421Kb / 38P
Bluetooth??Baseband with integrated flash
20-Dec-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com