Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC101L-DS02-R Datasheet(PDF) 47 Page - Broadcom Corporation.

Part # AC101L-DS02-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS02-R Datasheet(HTML) 47 Page - Broadcom Corporation.

Back Button AC101L-DS02-R Datasheet HTML 43Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 44Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 45Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 46Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 47Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 48Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 49Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 50Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 51Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Electrical Characteristics
Page 37
Se ction 9: Ele c trica l Char acte r istics
ABSOLUTE MAXIMUM RATINGS
Note: The following electrical characteristics are design goals rather than characterized numbers.
Table 42: Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Supply voltage
3V3
GND-0.3
3.465
V
Storage temperature
Ts
–40
+125
°C
Electrostatic discharge
VESD
1000
V
Table 43: Current Requirement at 2.5V Operation with LED Disabled
Operational Mode
Current (mA)
@VCC = 2.5V
@VCC = 2.625V
Traffic at 100 Mbps
90
100
Power-down
16
Standby
30
32
Table 44: Current Requirement at 3.3V Operation with LED Disabled
Operational Mode
Current (mA)
@VCC = 3.3V
@VCC = 3.465V
Traffic at 100 Mbps
92
102
Power-down
18
Standby
32
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com