Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC101L-DS02-R Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AC101L-DS02-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS02-R Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AC101L-DS02-R Datasheet HTML 35Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 36Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 37Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 38Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 39Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 40Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 41Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 42Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Management Data Interface timing
Page 29
MANAGEMENT DATA INTERFACE TIMING
Figure 4: Management Interface Timing
100BASE-TX/FX MII TRANSMIT SYSTEM TIMING
Table 37: Management Interface Timing
Parameter
Symbol
Min
Typ
Max
Units
MDC cycle time
MDC_CYCLE
40
ns
MDC high/low
20
ns
MDC rise/fall time
MDC_RISE
MDC_FALL
10
ns
MDIO input setup time to MDC rising
MDIO_SETUP
10
ns
MDIO input hold time from MDC rising
MDIO_HOLD
10
ns
MDIO output delay from MDC rising
MDIO_DELAY
0
30
ns
Table 38: 100BASE-X MII Transmit System Timing
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TX_CLK period
tCK
39.998
40.000
40.002
ns
TX_CLK high period
tCKH
18.000
20.000
22.000
ns
TX_CLK low period
tCKL
18.000
20.000
22.000
ns
TXEN to /J/
tTJ
60
140
ns
TXEN sampled to CRS
tCSA
RPTR is logic low
60
140
ns
TXEN sampled to COL
tCLA
RPTR is logic low
60
140
ns
!TXEN to /T/
tTT
60
140
ns
!TXEN sampled to !CRS
tCSD
RPTR is logic low
60
140
ns
!TXEN sampled to !COL
tCLD
RPTR is logic low
60
140
ns
TX propagation delay
tTJ
From TXD[3:0] to TXOP/N(FXTP/N)
60
140
ns
MDIO (From AC101L)
MDC
MDC_FALL
MDIO_HOLD
MDIO_SETUP
MDC_RISE
MDC_CYCLE
MDIO_SETUP
MDIO_HOLD
MDIO_DELAY
MDIO (Into AC101L
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com