Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2012SMRW-12RI4 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MB2012SMRW-12RI4
Description  Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB2012SMRW-12RI4 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MB2012SMRW-12RI4 Datasheet HTML 1Page - MicroPower Direct, LLC MB2012SMRW-12RI4 Datasheet HTML 2Page - MicroPower Direct, LLC MB2012SMRW-12RI4 Datasheet HTML 3Page - MicroPower Direct, LLC MB2012SMRW-12RI4 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
MB2000MRWRI4
Medical Approved, 20W
Compact 1 x 2 Inch
DC/DC Converters
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
9.0
VDC
24 VDC Input
18.0
48 VDC Input
36.0
Under Voltage Shutdown
12 VDC Input
7.5
VDC
24 VDC Input
15.0
48 VDC Input
33.0
Input Filter
(Pi) Filter
Start Up Time
Nominal VIN, Constant, Resistive Load
30
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±2.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation, IOUT = 0% to 100%
Single Output
±0.5
%
Dual Output
±1.0
Ripple & Noise (20 MHz), See Note 2
5V Output
50
mV P - P
12V, 15V, ±12V, ±15V Output
100
24V Output
150
Output Power Protection
Hiccup Circuit
150
%
Transient Recovery Time, See Note 3
25% Load Step Change
300
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.02
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, Rated
60 Seconds
4,200
Vrms
Reinforced Insulation Working Voltage
300 Vrms
Leakage Current
240 VAC, 60 Hz
5
µA
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
80
pF
Switching Frequency
285
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
See Table on Page 3
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Altitude
4,000
m
Physical
Case Size
See Mechanical Diagram (Page 4)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
1.06 Oz (30g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.08
MHours
Safety Standards
IEC/EN 60601-1, EN 60601-1 3RD Edition, 2xMOPP
ANSI/AAMI ES 60601-1 2xMOPP Recognition, (UL Certificate)
ANSI/AAMI ES 60601-1, CAN/CSA-C22.2 No.60601-1
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (0.1 Sec)
12 VDC Input
25.0
VDC
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
º
C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Key Features:
• EN 60601 3RD Ed. Approved
• 20W Output Power
• 4.2 kVrms Isolation
• Reinforced Insulation
• 2 x MOPP per EN 60601-1
3RD Edition & ANSI/AAMI
ES 60601-1
• 5 µA Max Leakage Current
• Wide 2:1 Input Range
• Compact 1 x 2 In Case
• Single & Dual Outputs
• 1.08 MH MTBF


Similar Part No. - MB2012SMRW-12RI4

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
MB201209B070 PRODUCTWELL-MB201209B070 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB201209U102 PRODUCTWELL-MB201209U102 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB201209U110 PRODUCTWELL-MB201209U110 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB201209U170 PRODUCTWELL-MB201209U170 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB201209U221 PRODUCTWELL-MB201209U221 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
More results

Similar Description - MB2012SMRW-12RI4

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MA600MRWRI5 MPD-MA600MRWRI5 Datasheet
408Kb / 3P
EN 60601 Approved 2:1 Input, DIP, 6W DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB2000ERW MPD-MB2000ERW Datasheet
1Mb / 6P
Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MA300MRWRI5 MPD-MA300MRWRI5 Datasheet
350Kb / 3P
EN 60601 Approved 2:1 Input, DIP, 3.5W DC/DC Con vert ers
MB1000MRWRI4 MPD-MB1000MRWRI4 Datasheet
388Kb / 3P
EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
Miniature, 1W SIP Medical Approved DC/DC Con vert ers
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
Medical Approved Compact SMT, 1W DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com