Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2012SMRW-12RI4 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MB2012SMRW-12RI4
Description  Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB2012SMRW-12RI4 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MB2012SMRW-12RI4 Datasheet HTML 1Page - MicroPower Direct, LLC MB2012SMRW-12RI4 Datasheet HTML 2Page - MicroPower Direct, LLC MB2012SMRW-12RI4 Datasheet HTML 3Page - MicroPower Direct, LLC MB2012SMRW-12RI4 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.micropowerdirect.com
Page 2
We Power Your Success - For Less
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MB2012SMRW-05RI4
12
9.0 - 18.0
1,938
20
100
5.0
4,000
0.0
86
6,800
4,000
MB2012SMRW-12RI4
12
9.0 - 18.0
1,876
20
100
12.0
1,670
0.0
89
1,160
4,000
MB2012SMRW-15RI4
12
9.0 - 18.0
1,893
20
100
15.0
1,333
0.0
88
750
4,000
MB2012SMRW-24RI4
12
9.0 - 18.0
1,888
20
100
24.0
840
0.0
89
295
4,000
MB2012DMRW-12RI4
12
9.0 - 18.0
1,888
20
100
±12.0
±840
0.0
89
590
4,000
MB2012DMRW-15RI4
12
9.0 - 18.0
1,882
20
100
±15.0
±670
0.0
89
380
4,000
MB2024SMRW-05RI4
24
18.0 - 36.0
947
15
50
5.0
4,000
0.0
88
6,800
2,000
MB2024SMRW-12RI4
24
18.0 - 36.0
938
15
50
12.0
1,670
0.0
89
1,160
2,000
MB2024SMRW-15RI4
24
18.0 - 36.0
936
15
50
15.0
1,333
0.0
89
750
2,000
MB2024SMRW-24RI4
24
18.0 - 36.0
933
15
50
24.0
840
0.0
90
295
2,000
MB2024DMRW-12RI4
24
18.0 - 36.0
933
15
50
±12.0
±840
0.0
90
590
2,000
MB2024DMRW-15RI4
24
18.0 - 36.0
931
15
50
±15.0
±670
0.0
90
380
2,000
MB2048SMRW-05RI4
48
36.0 - 75.0
473
10
30
5.0
4,000
0.0
88
6,800
1,000
MB2048SMRW-12RI4
48
36.0 - 75.0
469
10
30
12.0
1,670
0.0
89
1,160
1,000
MB2048SMRW-15RI4
48
36.0 - 75.0
463
10
30
15.0
1,333
0.0
90
750
1,000
MB2048SMRW-24RI4
48
36.0 - 75.0
472
10
30
24.0
840
0.0
89
295
1,000
MB2048DMRW-12RI4
48
36.0 - 75.0
472
10
30
±12.0
±840
0.0
89
590
1,000
MB2048DMRW-15RI4
48
36.0 - 75.0
465
10
30
±15.0
±670
0.0
90
380
1,000
Model Selection Guide
Notes:
1. The specified maximum capacitive load is for each output.
2. When measuring output ripple, it is recommended that an external 0.47 µF ceramic capacitor
be placed from the +VOUT pin to the -VOUT pin for single output units and from each output to
common for dual output units. For noise sensitive applications, the use of 3.3 µF capacitors
will reduce the output ripple. The factory tests output ripple on these units with a MLCC 4.7 µF
capacitor connected.
3. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
4. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect
the load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
Typical Connection
EMI Characteristics
Parameter
Standard
Criteria
Level
Conducted Emissions
EN 55011
Class A
Radiated Emissions
EN 55011
Class A
ESD
EN 61000-4-2
A
±15 kV Air
±8 kV Contact
RS
EN 61000-4-3
A
10V/m
EFT, See Note at right
EN 61000-4-4
A
±2 kV
Surge, See Note at right
EN 61000-4-5
A
±1 kV
CS
EN 61000-4-6
A
10 Vrms
PFMF
EN 61000-4-8
A
30A/m
T
hese converters are specified for operation without external components.
However, in some applications the addition of input/output capacitors, as shown
in the typical connection diagram above, will enhance stability and reduce output
ripple.This simple connection includes a low ESR (<1 at 100 kHz) capacitor
connected across the input (C1). It is recommended that a 10 µF be used
for 12V input models, a 4.7 µF for 24V and a 2.2 µF for 48V input units.
To improve the output ripple performance, a 4.7 µF is connected across
the output. For dual output units, a 4.7 µF capacitor should be connected from
each output to common.
To meet the specified EN 61000-4-4 and EN 61000-4-5 limits, an external
capacitor must be connected across the input pins of the module (C1). A
330 µF/100V capacitor is recommended. This capacitor should be mounted as
close to the module as possible.
5. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where
the converter output loading is high and input power is supplied over long lines, it may be
necessary to use a capacitor on the input to insure start-up. In this case, it is recommended
that a low ESR (ESR <1.0
at 100 kHz) capacitor be mounted close to the converter. For 12V
input units a 10.0 µF is recommended, for 24V a 4.7 µF and for 48V units a 2.2 µF.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com