| Electronic Components Datasheet Search |
|
ATPL230A Datasheet(PDF) 54 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A Datasheet(HTML) 54 Page - ATMEL Corporation |
|
54 / 122 page ![]() ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 54 9.1.1 TxRx Buffers There are 4 dedicated buffers for transmission (BUF_TX0, BUF_TX1, BUF_TX2 and BUF_TX3) and 4 dedicated buffers for reception (BUF_RX0, BUF_RX1, BUF_RX2, BUF_RX3). The main features are shown below: 9.1.2 Transmission Branch PHY layer takes data to be sent from BUF_TXi. The Cyclic Redundancy Check (CRC) fields are hardware-generated in real time, and properly appended to the transmission data. The rest of the chain is hardware-wired, and performs automatically all the tasks needed to send data according to PRIME specifications. In the following figure, the block diagram of the transmission branch is shown. Figure 9-2. Transmission Branch The output is differential modulated using a DBPSK/DQPSK/D8PSK scheme. After modulation, IFFT (Inverse Fourier Transform) block and cyclic prefix block allow to implement an OFDM scheme. A Converter and a Power Amplifier Driver is the last block in the transmission branch. This block is responsible for adjusting the signal to reach the best transmission efficiency, thus reducing consumption and power dissipation. 9.1.3 Reception Branch The reception branch performs automatically all the tasks needed to process received data. PHY layer delivers data to MAC layer through the BUF_RXi. Figure 9-3. Reception Branch Table 9-1. TxRx Buffers features BUF_TXi BUF_RXi Size configurable Number of buffers enabled configurable Start time forced or programmed Transmission can be forced regardless of the carrier detection and frames reception Transmission parameters configurable Error detector Size configurable Number of buffers enabled configurable Enable/Disable interrupts Parameters saved (BER, RSSI, CINR…) CRC Scrambler Interleaver IFFT Tx Convolutional Encoder Sub - carrier Modulator Cyclic Prefix Converter / PAD From BUF_TXi Rx to BUF_RXi Scrambler Interleaver Convolutional Decoder FFT Sub - carrier Demodulator CRC Pre - FFT Syncro Converter |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |