| Electronic Components Datasheet Search |
|
ATPL230A Datasheet(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A Datasheet(HTML) 45 Page - ATMEL Corporation |
|
45 / 122 page ![]() 45 ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 8.3.3 MAC Info Registers 8.3.3.1 BER SOFT Average Error Registers Name: TXRXBUF_BERSOFT_AVG_RX0 Address: 0xFD57 Access: Read-only Reset: 0x00 After a message is received in BUF_RX0, this register stores the logarithm of the number of accumulated errors regarding the number of received bits, using Viterbi soft* decision. In PRIME v1.4 mode, it is calculated from the arithmetic average of the accumulated errors in each one of the four replicated symbols. The value is cleared by hardware each time a new message is received in BUF_RX0. Name: TXRXBUF_BERSOFT_AVG_RX1 Address: 0xFD58 Access: Read-only Reset: 0x00 After a message is received in BUF_RX1, this register stores the logarithm of the number of accumulated errors regarding the number of received bits, using Viterbi soft* decision. In PRIME v1.4 mode, it is calculated from the arithmetic average of the accumulated errors in each one of the four replicated symbols. The value is cleared by hardware each time a new message is received in BUF_RX1. Name: TXRXBUF_BERSOFT_AVG_RX2 Address: 0xFD59 Access: Read-only Reset: 0x00 After a message is received in BUF_RX2, this register stores the logarithm of the number of accumulated errors regarding the number of received bits, using Viterbi soft* decision. In PRIME v1.4 mode, it is calculated from the arithmetic average of the accumulated errors in each one of the four replicated symbols. The value is cleared by hardware each time a new message is received in BUF_RX2. Name: TXRXBUF_BERSOFT_AVG_RX3 Address: 0xFD5A Access: Read-only Reset: 0x00 After a message is received in BUF_RX3, this register stores the logarithm of the number of accumulated errors regarding the number of received bits, using Viterbi soft* decision. In PRIME v1.4 mode, it is calculated from the 76543210 TXRXBUF_BERSOFT_AVG_RX0 76543210 TXRXBUF_BERSOFT_AVG_RX1 76543210 TXRXBUF_BERSOFT_AVG_RX2 76543210 TXRXBUF_BERSOFT_AVG_RX3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |