Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMXZ5259C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMXZ5259C
Description  200 mW Zener Diode 4.3 to 51 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMXZ5259C Datasheet(HTML) 1 Page - Micro Commercial Components

  MMXZ5259C Datasheet HTML 1Page - Micro Commercial Components MMXZ5259C Datasheet HTML 2Page - Micro Commercial Components MMXZ5259C Datasheet HTML 3Page - Micro Commercial Components MMXZ5259C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MM
XZ5229C
THRU
MM
XZ5262C
200 mW
Zener Diode
4.3 to 51 Volts
Features
•
Wide Voltage Range Available
•
Small Outline Package For Space Savings
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Surface Mount Package
•
Operating
Junction Temperature: -55°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Maximum Ratings
Maximum Ratings @ 25
oC Unless Otherwise Specified
Zener Current
IF
100
mA
Maximum Forward
Voltage
VF
0.9
V
Power Dissipation
(No te s A)
Pd
Pe ak Forward S urge
IFSM
4.0
Amps
NOTES:
A. Mounted on FR4 PC board with our suggested solder pad layout .
B. Measured on 8.3ms, single half sine-wave or equivalent
Current (Not e s B)
square wave, duty cycle = 4 pulses per minute maximum.
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
200
mWatt
•
Maximum Thermal Resistance; 357
°C/W Junction To Ambient
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
SOD
-323
www.mccsemi.com
Revision:
B
20
13/06/25
1 of 4
A
B
E
C
D
H
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.068
.078
1.75
1.95
C
.045
.053
1.15
1.35
D
.027
.038
0.70
0.95
E
.010
.014
0.25
0.35
G
.012
---
0.30
---
H
.002
.006
0.05
0.15
0.022”
0.069"
0.032”
SUGGESTED SOLDER
PAD LAYOUT
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - MMXZ5259C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMXZ5259B MCC-MMXZ5259B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5259B MCC-MMXZ5259B Datasheet
375Kb / 5P
200 mW Zener Diodes 2.7 to 39 Volts
More results

Similar Description - MMXZ5259C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
AZ23C2V7 MCC-AZ23C2V7 Datasheet
139Kb / 4P
300 mW Zener Diode 2.7 to 51 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
400 mW Zener Diode 3.0 to 51 Volts
BZT52B3V0JS MCC-BZT52B3V0JS Datasheet
540Kb / 4P
200 mW Zener Diode 3.0 to 75 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
500 mW Zener Diode 2.4 to 51 Volts
BZT52C2V4S MCC-BZT52C2V4S_18 Datasheet
272Kb / 4P
200 mW Zener Diode 2.4 to 56 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
350 mW Zener Diode 4.3 to 51 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
200 mW Zener Diode 3.6 to 36 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com