Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMXZ5259C Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMXZ5259C
Description  200 mW Zener Diode 4.3 to 51 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMXZ5259C Datasheet(HTML) 3 Page - Micro Commercial Components

  MMXZ5259C Datasheet HTML 1Page - Micro Commercial Components MMXZ5259C Datasheet HTML 2Page - Micro Commercial Components MMXZ5259C Datasheet HTML 3Page - Micro Commercial Components MMXZ5259C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMXZ5229C thru MMXZ5262C
www.mccsemi.com
MCC
Revision: B
2013/06/25
TM
Micro Commercial Components
3 of
4
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
100
10
1
10
100
0.6
0.5
0.4
0.3
0.2
0.1
0
125
100
75
50
25
0
T=25 C
A
O
150
Fig.2 TEMPERATURE COEFFICENTS
Fig.4 TYPICAL FORWARD VOLTAGE
Fig.5 STEADY STATE POWER DERATING
NOMINAL ZENER VOLTAGE,VOLTS
FORWARD VOLTAGE, VOLTS
TEMPERATURE ( C)
O
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
O
+25 C
O
-55 C
O
Fig. TYPICAL LEAKAGE CURRENT
NORMAL ZENER VOLTAGE, VOLTS
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
Fig.1 TEMPERATURE COEFFICENTS
NOMINAL ZENER VOLTAGE,VOLTS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com