Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4985 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 21Page - STMicroelectronics TS4985 Datasheet HTML 22Page - STMicroelectronics TS4985 Datasheet HTML 23Page - STMicroelectronics TS4985 Datasheet HTML 24Page - STMicroelectronics TS4985 Datasheet HTML 25Page - STMicroelectronics TS4985 Datasheet HTML 26Page - STMicroelectronics TS4985 Datasheet HTML 27Page - STMicroelectronics TS4985 Datasheet HTML 28Page - STMicroelectronics TS4985 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Package Mechanical Data
TS4985
28/29
Figure 73. Package mechanical data for 15-bump flip-chip
Figure 74. Tape & Reel specification (top view)
Die size: 2.40 x 1.90 mm ±30µm
Die height (including bumps): 600µm
Back coating height (optional): 60µm
Bump diameter: 315µm ±50µm
Bump diameter before reflow: 300µm
±10µm
Bump height: 250µm ±40µm
Die height: 350µm ±20µm
Pitch: 500µm ±50µm
Coplanarity: 60µm max.
2.40 mm
1.90 mm
0.86mm
0.25m
m
∅ 0.3mm
0.5mm
2.40 mm
1.90 mm
0.86mm
0.25m
m
∅ 0.3mm
0.5mm
600 µm
60 µm Back coating
*
* Optional
600 µm
60 µm Back coating
*
* Optional
User direction of feed
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
A
1
A
1
User direction of feed
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
A
1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com