Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4985 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4985 Datasheet HTML 1Page - STMicroelectronics TS4985 Datasheet HTML 2Page - STMicroelectronics TS4985 Datasheet HTML 3Page - STMicroelectronics TS4985 Datasheet HTML 4Page - STMicroelectronics TS4985 Datasheet HTML 5Page - STMicroelectronics TS4985 Datasheet HTML 6Page - STMicroelectronics TS4985 Datasheet HTML 7Page - STMicroelectronics TS4985 Datasheet HTML 8Page - STMicroelectronics TS4985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev 2
May 2005
1/29
29
TS4985
2 X 1.2W Stereo Audio Power Amplifier with
Dedicated Standby Pins
Operating from VCC=2.2V to 5.5V
1.2W output power per channel @ VCC=5V,
THD+N=1%, RL=8
10nA standby current
62dB PSRR @ 217Hz with grounded inputs
High SNR: 106dB(A) typ.
Near zero pop & click
Lead-free 15 bumps, flip-chip package
Description
The TS4985 has been designed for top-class
stereo audio applications. Thanks to its compact
and power-dissipation efficient flip-chip package,
it suits various applications.
With a BTL configuration, this audio power
amplifier is capable of delivering 1.2W per
channel of continuous RMS output power into an
8
Ω load @ 5V.
Each output channel (left and right), has an
external controlled standby mode pin (STDBYL &
STDBYR) to reduce the supply current to less
than 10nA per channel. The device also features
an internal thermal shutdown protection.
The gain of each channel can be configured by
external gain setting resistors.
Applications
Cellular mobile phones
Notebook & PDA computers
LCD monitors & TVs
Portable audio devices
Order Codes
Flip-chip - 15 bumps
Pin Connection (top view)
VCC2
VCC1
BYPASS
IN-R
VO+L
VO+R
VO-R
VO-L
IN+L
GND2
STDBYL
STDBYR
IN+R
IN-L
GND1
VCC2
VCC1
BYPASS
IN-R
VO+L
VO+R
VO-R
VO-L
IN+L
GND2
STDBYL
STDBYR
IN+R
IN-L
GND1
Part Number
Temperature Range
Package
Packaging
Marking
TS4985EIJT
-40, +85°C
Lead free flip-chip
Tape & Reel
A85
TS4985EKIJT
Lead free flip-chip +
back coating
www.st.com


Similar Part No. - TS4985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4982 STMICROELECTRONICS-TS4982 Datasheet
936Kb / 2P
Highly-integrated complete 2 W stereo audio subsystem
Sep-2009
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
TS4984EIJT STMICROELECTRONICS-TS4984EIJT Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4984EIKJT STMICROELECTRONICS-TS4984EIKJT Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
More results

Similar Description - TS4985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
S486 UTC-S486 Datasheet
162Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
logo
Unisonic Technologies
S486 UTC-S486_11 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
Stereo Audio Power Amplifier
logo
Unisonic Technologies
S486 UTC-S486_15 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_17 Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com