| Electronic Components Datasheet Search |
|
S1045 Marking, STPS1045B Datasheet(PDF) 5 Page - STMicroelectronics |
|
||||||||||||||||||||||||||||||
STPS1045B Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() STPS1045B Package information Doc ID 6085 Rev 6 5/7 2 Package information ● Epoxy meets UL94, V0. ● Lead-free packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 11. DPAK footprint (dimensions in mm) Table 5. DPAK dimensions Ref. Dimensions Millimeters Inches Min. Max Min. Max. A 2.20 2.40 0.086 0.094 A1 0.90 1.10 0.035 0.043 A2 0.03 0.23 0.001 0.009 B 0.64 0.90 0.025 0.035 B2 5.20 5.40 0.204 0.212 C 0.45 0.60 0.017 0.023 C2 0.48 0.60 0.018 0.023 D 6.00 6.20 0.236 0.244 E 6.40 6.60 0.251 0.259 G 4.40 4.60 0.173 0.181 H 9.35 10.10 0.368 0.397 L2 0.80 typ. 0.031 typ. L4 0.60 1.00 0.023 0.039 V2 0° 8° 0° 8° H L4 G B L2 E B2 D A1 R R C A C2 0.60 MIN. V2 A2 6.7 6.7 3 3 1.6 1.6 2.3 2.3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |