| Electronic Components Datasheet Search |
|
S1045 Marking, STPS1045B Datasheet(PDF) 1 Page - STMicroelectronics |
|
||||||||||||||||||||||||||||||
STPS1045B Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() July 2010 Doc ID 6085 Rev 6 1/7 7 STPS1045B Power Schottky rectifier Features ■ Negligible switching losses ■ Low forward voltage drop ■ Low capacitance ■ High reverse avalanche surge capability ■ Avalanche specification Description High voltage dual Schottky rectifier suited for switch mode power supplies and other power converters. Packaged in DPAK, this device is intended for use in high frequency circuitries where low switching losses are required. j Table 1. Device summary Symbol Value IF(AV) 10 A VRRM 45 V Tj 175 °C VF(max) 0.57 V DPAK K K A A www.st.com |
Similar Description - STPS1045B |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |