Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Preview PDF HTML

720S Marking, DP83TG720SWRHARQ1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 9Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 10Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 11Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 12Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 13Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 14Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 15Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 16Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 199 page
background image
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDIO Sensor Accuracy ( Voltage and
Temperature Variation)
-40
℃ to 125℃
15.4
mV
VDDIO Sensor Accuracy Part-to-Part
-40
℃ to 125℃
15.4
mV
(1)
Ensured by production test, characterization or design
(2)
For pins: MDC, INT, RESET, LED_1, STRP_1, RX_CTRL, CLKOUT, RX_D[3:0], RX_CLK, TX_CLK, TX_CTRL, TX_D[3:0], LED_0,
and MDIO
(3)
For pins: MDC, INT, RESET, LED_1, STRP_1, RX_CTRL, CLKOUT, RX_D0, RX_D1, RX_CLK, TX_CLK, TX_CTRL, TX_D2, TX_D3,
LED_0, and MDIO
(4)
For pins: TX_D0, TX_D1, RX_D2, and RX_D3
6.6 Timing Requirements
(1)
PARAMETER
TEST
CONDITIONS
MIN
NOM
MAX
UNIT
POWER-UP TIMING
T5.1
VDDA3P3 Duration(2)
0% to 100% (+/- 10
VDDA3P3)
0.5
40
ms
T5.2
VDD1P0 Duration(2)
0% to 100% (+/- 10
VDD1P0)
0.1
40
ms
T5.2
VDDIO Duration(2)
VDDIO = 1.8V
0.1
40
ms
T5.2
VDDIO Duration(2)
VDDIO = 2.5V
0.1
40
ms
T5.2
VDDIO Duration(2)
VDDIO = 3.3V
0.1
40
ms
T5.2
VSLEEP Duration (2)
0% to 100% (+/- 10
VSLEEP)
0.1
40
ms
T5.3
Crystal stabilization-time post power-up (from last power rail
ramp to 100%)
1500
µs
T5.4
Osillator stabilization-time post power-up ( from last power
rail ramp to 100%)(3)
20
ms
T5.5
Post power-up stabilization-time prior to MDC preamble for
register access
65
ms
T5.6
Hardware configuration latch-in time from power-up
60
ms
T5.7
Hardware configuration pins transition to functional mode from
latch-in completion
110
ns
T5.8
PAM3 IDLE Stream from power-up (Master Mode)
60
ms
RESET TIMING (RESET_N)
T6.1
RESET pulse width
5
µs
T6.2
Post reset stabilization-time prior to MDC preamble for register
access
1
ms
T6.3
Hardware configuration latch-in time from reset
2
µs
T6.4
Hardware configuration pins transition to functional mode from
latch-in completion
1.5
µs
T6.5
PAM3 IDLE Stream from reset (Master Mode)
1500
µs
SMI TIMING
T4.1
MDC to MDIO (Output) Delay Time (25 pF load)
0
6
10
ns
T4.2
MDIO (Input) to MDC Setup Time
10
ns
T4.3
MDIO (Input) to MDC Hold Time
10
ns
MDC Frequency ( 25 pF load)
2.5
20
MHz
RECEIVE LATENCY TIMING
SSD symbol on MDI to Rising edge of RGMII RX_CLK with
assertion of RX_CTRL
8
µs
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
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
About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List