Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Preview PDF HTML

720S Marking, DP83TG720SWRHARQ1 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 33Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 34Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 35Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 36Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 37Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 38Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 39Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 40Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 199 page
background image
Local sleep entry for Slave mode phy :
• Step 1 : Write bit[8] = 'b0 of register[0x0182] register.
• Step 2 : Write bit[7] = 'b1 of register[0x0182] register.
• Step 3 : Make "wake" pin low.
Remote sleep entry for Master mode phy :
• Master mode phy can not be made to enter sleep mode by link-partner
Remote sleep entry for Slave mode phy :
• Step 1 : Write bit[7] = 'b1 of register[0x0182] register.
• Step 2 : Phy will go into sleep mode with loss of energy on line (when master will go quite : no data, no send-
s)
Note
Phy will go into sleep mode only if power supplies are disconnected using INH signal as shown in
figure Required Implementation for Sleep Mode.
7.4.6.4 State Transition #4 - Sleep to Normal
Sleep state can be exited either locally (pin/register-write) or by remote link-partner.
Local sleep exit for Master mode phy by :
• Making "wake" pin high (3.3V).
Local sleep exit for Slave mode phy by :
• Making "wake" pin high (3.3V).
Remote sleep exit for Master mode phy by :
• Link-partner sending TC-10 compliant wake-up energy.
• Link-partner sending 1000BT1 IEEE compliant training signal : "Send-s".
Remote sleep exit for Slave mode phy by :
• Link-partner sending TC-10 compliant wake-up energy.
• Link-partner sending 1000BT1 IEEE compliant training signal : "Send-s".
7.4.7 Media Dependent Interface
7.4.7.1 MDI Master and MDI Slave Configuration
MDI Master and MDI Slave are configured using either hardware bootstraps or through register access.
LED_0 controls the MDI Master and MDI Slave bootstrap configuration. By default, MDI Slave mode is
configured because there is an internal pulldown resistor on LED_0 pin. If MDI Master mode configuration
through hardware bootstrap is preferred, an external pullup resistor is required.
Additionally, bit[14] in the PMA_CTRL2 egister controls the MDI Master and MDI Slave configuration. When this
bit is set, MDI Master mode is enabled.
7.4.7.2 Auto-Polarity Detection and Correction
During the link training process, the DP83TG720S-Q1 as MDI receiver is able to detect polarity reversal and
automatically correct for the error. Both master and slave detects and do the required correction in the receiver
polarity.
7.4.8 MAC Interfaces
7.4.8.1 Reduced Gigabit Media Independent Interface
The DP83TG720S-Q1 also supports Reduced Gigabit Media Independent Interface (RGMII) as specified by
RGMII version 2.0. RGMII is designed to reduce the number of pins required to connect MAC and PHY. To
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
37
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
About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List