| Electronic Components Datasheet Search |
|
CS82C88 Marking, CS82C88 Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
CS82C88 Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 12 page ![]() FN2979 Rev 3.00 Page 1 of 12 August 13, 2015 FN2979 Rev 3.00 August 13, 2015 82C88 CMOS Bus Controller DATASHEET The Intersil 82C88 is a high performance CMOS Bus Controller manufactured using a self-aligned silicon gate CMOS process (Scaled SAJI IV). The 82C88 provides the control and command timing signals for 80C86, 80C88, 8086, 8088, 8089, 80186, and 80188 based systems. The high output drive capability of the 82C88 eliminates the need for additional bus drivers. Static CMOS circuit design insures low operating power. The Intersil advanced SAJI process results in performance equal to or greater than existing equivalent products at a significant power savings. Pinouts 20 LD PDIP, CERDIP TOP VIEW 20 LD PLCC, CLCC TOP VIEW Features • Compatible with Bipolar 8288 • Performance Compatible with: - 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz) - 80186/80188. . . . . . . . . . . . . . . . . . . . . . . . . . (6/8MHz) - 8086/8088. . . . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz) -8089 • Provides Advanced Commands for Multi-Master Busses • Three-State Command Outputs • Bipolar Drive Capability • Scaled SAJI IV CMOS Process • Single 5V Power Supply • Low Power Operation - ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 A (Max) - ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 1mA/MHz (Max) • Operating Temperature Ranges - C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C - I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C - M82C88 . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C • Pb-Free Plus Anneal Available (RoHS Compliant) 11 12 13 14 15 16 17 18 19 20 10 9 8 7 6 5 4 3 2 1 IOB CLK ALE GND DT/ R AEN MRDC AMWC MWTC S1 VCC MCE/PDEN DEN CEN IORC AIOWC IOWC INTA S0 S2 4 5 6 7 8 910 11 12 13 321 20 19 15 14 18 17 16 ALE DT/ R AEN MRDC AMWC DEN CEN MCE/PDEN INTA S2 Ordering Information PART NUMBER PART MARKING PACKAGE TEMP RANGE (°C) PKG. DWG. # CP82C88Z (Note) (No longer available or supported) CP82C88Z 20 Ld PDIP (Pb-free) 0 to +70 E20.3 CS82C88 (No longer available or supported) CS82C88 20 Ld PLCC 0 to +70 N20.35 MR82C88/B No longer available or supported) MR82C88/B 20 Pad CLCC -55 to +125 J20.A MD82C88/B MD82C88/B 20 Ld CERDIP -55 to +125 F20.3 8406901RA 8406901RA SMD# F20.3 NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. |
Similar Description - CS82C88 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |