| Electronic Components Datasheet Search |
|
CS82C88 Marking, CS82C88 Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
CS82C88 Datasheet(HTML) 6 Page - Renesas Technology Corp |
|
6 / 12 page ![]() 82C88 FN2979 Rev 3.00 Page 6 of 12 August 13, 2015 AC Electrical Specifications VCC = 5.0V 10%; TA = 0°C to +70°C (C82C88); TA = -40°C to +85°C (I82C88); TA = -55°C to +125°C (M82C88) SYMBOL PARAMETER 8MHz 10MHz 12MHz UNITS TEST CONDITIONS MIN MAX MIN MAX MIN MAX TIMING REQUIREMENTS (1) TCLCL CLK Cycle Period 125 - 100 - 83 - ns (2) TCLCH CLK Low Time 55 - 50 - 34 - ns (3) TCHCL CLK High Time 40 - 37 - 34 - ns (4) TSVCH Status Active Setup Time 35 - 35 - 35 - ns (5) TCHSV Status Inactive Hold Time 10 - 10 - 5 - ns (6) TSHCL Status Inactive Setup Time 35 - 35 - 35 - ns (7) TCLSH Status Active Hold Time 10 - 10 - 5 - ns TIMING RESPONSES (8) TCVNV Control Active Delay 5 45 5 45 5 45 ns 1 (9) TCVNX Control Inactive Delay 10 45 10 45 10 35 ns 1 (10) TCLLH ALE Active Delay (from CLK) - 20 - 20 - 20 ns 1 (11) TCLMCH MCE Active Delay (from CLK) - 25 - 23 - 23 ns 1 (12) TSVLH ALE Active Delay (from Status) - 20 - 20 - 20 ns 1 (13) TSVMCH MCE Active Delay (from Status) - 30 - 23 - 23 ns 1 (14) TCHLL ALE Inactive Delay 4 18 4 18 4 18 ns 1 (15) TCLML Command Active Delay 5 35 5 35 5 35 ns 2 (16) TCLMH Command Inactive Delay 5 35 5 35 5 35 ns 2 (17) TCHDTL Direction Control Active Delay - 50 - 50 - 50 ns 1 (18) TCHDTH Direction Control Inactive Delay - 30 - 30 - 30 ns 1 (19) TAELCH Command Enable Time (Note 1) - 40 - 40 - 40 ns 3 (20) TAEHCZ Command Disable Time (Note 2) -40- 40 - 40 ns 4 (21) TAELCV Enable Delay Time 110 250 110 250 110 250 ns 2 (22) TAEVNV AEN to DEN - 25 - 25 - 25 ns 1 (23) TCEVNV CEN to DEN, PDEN -25- 25 - 25 ns 1 (24) TCELRH CEN to Command - TCLML +10 -TCLML -TCLML ns 2 (25) TLHLL ALE High Time TCLCH - 10 - TCLCH - 10 - TCLCH - 10 nns 1 NOTES: 1. TAELCH measurement is between 1.5V and 2.5V. 2. TAEHCZ measured at 0.5V change in VOUT. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |