| Electronic Components Datasheet Search |
|
MPS Marking, MP7752GF Datasheet(PDF) 1 Page - Monolithic Power Systems |
|
||||||||||||||||||||||||||||||
MP7752GF Datasheet(HTML) 1 Page - Monolithic Power Systems |
|
1 / 20 page ![]() MP7752 18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier MP7752 Rev. 1.01 www.MonolithicPower.com 1 5/27/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. The Future of Analog IC Technology DESCRIPTION The MP7752 is an analog input inductorless class-D audio amplifier, which drives stereo speakers in bridge-tied-load configuration. It is a fully integrated audio amplifier, which reduces solution size dramatically. It integrates 240mΩ power MOSFETs and short-circuit protection circuits, and it features start-up/shutdown pop elimination and advanced EMI performance. Also, it is inductorless while passing the EMC test. The MP7752 utilizes a stereo BTL structure capable of delivering 15W per channel into 8Ω speakers with a 16V power supply. MPS class-D audio amplifiers exhibit the high fidelity of class-AB amplifiers at high efficiency. The MP7752 includes an internal circuit which allows the system to shut down automatically after the absence of the audio signal is detected. This feature is used for energy-using products and battery operated applications. Also, it has an adjustable power limit function. The PLIMIT circuit sets a limit on the output peak-to-peak voltage. This is done by limiting the duty cycle to a fixed maximum value. This limit can be thought of as a "virtual" voltage rail, which is lower than the supply connected to PVCC. The MP7752 is available in a TSSOP-28 EP package. FEATURES 5V to 18V Operation from a Single Supply ±5A Peak Current Output Output Power: 9.5W/Channel at 12V, 8Ω Load, 10%THD 15W/Channel at 16V, 8Ω Load, 10%THD 90% Efficiency with 8Ω Load, 10%THD, 1kHz, 12V Supply Voltage 240mΩ Power MOSFETs Start-UP/Shutdown Pop Elimination Short-Circuit Protection Circuits Inductorless Topology Advanced EMI performance All Switches Current Limited Internal Under-Voltage Protection Internal Thermal Protection TSSOP-28 EP Package Adjustable Power Limiter Automatic Shutdown with Zero Input Signal Detection Fault Output Flag APPLICATIONS TV DVD Receiver Active Speaker All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For MPS green status, please visit the MPS website under Quality Assurance. “MPS” and “The Future of Analog IC Technology” are registered trademarks of Monolithic Power Systems, Inc. |
Similar Description - MP7752GF |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |