| Electronic Components Datasheet Search |
|
MPS Marking, MP7752GF Datasheet(PDF) 6 Page - Monolithic Power Systems |
|
||||||||||||||||||||||||||||||
MP7752GF Datasheet(HTML) 6 Page - Monolithic Power Systems |
|
6 / 20 page ![]() MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER MP7752 Rev. 1.01 www.MonolithicPower.com 6 5/27/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. OPERATING SPECIFICATIONS (7) Circuit of figure 5, VCC = 18V, Gain=20dB, VEN = 5V, RLOAD = 8Ω+66uH, TA = +25C, unless otherwise noted. Parameters Symbol Condition Min Typ Max Units f = 1kHz, THD+N = 10%, VCC = 18V 20 f = 1kHz, THD+N = 10%, VCC = 16V 15 Power Output f = 1kHz, THD+N = 10%, VCC = 12V 9.5 W POUT = 5W, f = 1kHz, VCC = 12V 0.5 % THD+ Noise POUT = 15W, f = 1kHz, VCC = 18V 0.5 % Efficiency POUT = 9.5W + 9.5W, THD+N = 10%, VCC = 12 V, 1kHz, RLOAD = 8Ω 90 % Deadtime IO=0.5A 40 nS Cross Talk VO = 1 Vrms, f = 217Hz -110 dB Noise Floor A-Weighted, 22 Hz to 22 kHz 115 μV Signal-to-noise ratio f = 1kHz, THD+N = 1%, A-Weighted 100 dB f = 1kHz -60 dB Power Supply Rejection VRIPPLE=300mVPP, Inputs ac-coupled to AGND f = 217Hz -70 dB Notes: 7) Operating Specifications are for the IC in Typical Application circuit. Not production tested. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |