Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B31N20D Datasheet (PDF) - International Rectifier

Part # B31N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
File Size   190.95 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

B31N20D Datasheet (PDF) - International Rectifier



Similar Part No. - B31N20D

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B31 DBLECTRO-B31 Datasheet
238Kb / 1P
FEMALE HEADER PROFILE : 6.4mm STRAIGHT
logo
Micrel Semiconductor
B31 MICREL-B31 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
List of Unclassifed Man...
B31-CCT ETC-B31-CCT Datasheet
281Kb / 1P
BBP®31 Sign & Label Printers
B31-WIPER ETC-B31-WIPER Datasheet
281Kb / 1P
BBP®31 Sign & Label Printers
logo
Tripp Lite. All Rights ...
B310-701-4K TRIPPLITE-B310-701-4K Datasheet
172Kb / 4P
7-Port Multi-Format Presentation Switch, 4K 60 Hz HDMI, 4K DP, VGA, YPbPr, AV and USB to HDMI
More results


Similar Description - B31N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com