![]() |
Electronic Components Datasheet Search |
|
IRFB17N20D Datasheet (PDF) - International Rectifier |
IRFB17N20D Datasheet (HTML) - International Rectifier |
IRFB17N20D Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | IRFB17N20D |
Download | IRFB17N20D Click to view |
File Size | 194.73 Kbytes |
Page | 11 Pages |
Maker | IRF [International Rectifier] |
Homepage | http://www.irf.com |
Logo | |
Description | Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A) |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
IRFY240CM | POWER MOSFET N-CHANNEL BVdss=200V Rds on =0.18ohm Id=16A | 1 2 3 4 5 More | International Rectifier |
SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
STB11NM60FD | N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET with fast diode | 1 2 3 4 5 More | STMicroelectronics |
STD36NH02L | N-channel 24V - 0.011ohm - 30A - DPAK STripFET III Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
IRF530 | N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFETâ„¢ II POWER MOSFET | 1 2 3 | STMicroelectronics |
MMDF4N01HD | DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
MMSF5N03HD | SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |