Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4749A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

Part # DL4749A
Description  1W , MELF Surface Mount Zener Diodes
File Size   147.96 Kbytes
Html View  1   2   3 
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DL4749A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH



Similar Part No. - DL4749A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4749A RECTRON-DL4749A Datasheet
24Kb / 2P
Surface Mount M.E.L.F ZENER DIODE
logo
Dc Components
DL4749A DCCOM-DL4749A Datasheet
188Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Formosa MS
DL4749A FORMOSA-DL4749A Datasheet
82Kb / 3P
Zener diode
DL4749A FORMOSA-DL4749A Datasheet
56Kb / 3P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
DL4749A WEITRON-DL4749A Datasheet
191Kb / 3P
Surface Mount Zener Diodes
More results


Similar Description - DL4749A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
1W SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
Surface Mount 1W Zener Diodes
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
1W Zener Diodes
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
1W ZENER DIODES
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
Surface Mount Zener Diodes 1W
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
1W ZENER DIODES
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
1W SURFACE MOUNT ZENER DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com