Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZM4728 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

ZM4728 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # ZM4728
Download  ZM4728 Download

File Size   194.08 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1W SURFACE MOUNT ZENER DIODE

ZM4728 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZM4728 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # ZM4728
Download  ZM4728 Click to download

File Size   194.08 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1W SURFACE MOUNT ZENER DIODE

ZM4728 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

ZM4728 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ZM4728 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd ZM4728 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd

ZM4728 Product details

Features
   for use in stabilizing and clipping circuits with high power rating. Standard Zener voltage tolerance is ±10%. Add suffix "A" for ±5% tolerance and suffix "B" for ±2% tolerance. Other tolerances available are upon request.
   These diodes are also available in DO-41 case with the type designation 1N4728...1N4761



Similar Part No. - ZM4728

ManufacturerPart #DatasheetDescription
Semtech Corporation
Semtech Corporation
ZM4728 SEMTECH-ZM4728 Datasheet
226Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
Nanjing International Group Co
Nanjing International G...
ZM4728 DGNJDZ-ZM4728 Datasheet
83Kb / 3P
   Silicon Planar Power Zener Diodes
General Semiconductor
General Semiconductor
ZM4728 GE-ZM4728 Datasheet
69Kb / 3P
   ZENER DIODES
Sangdest Microelectronic (Nanjing) Co., Ltd
Sangdest Microelectroni...
ZM4728 SMC-ZM4728 Datasheet
338Kb / 4P
   ZENER DIODES
GOOD-ARK Electronics
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - ZM4728

ManufacturerPart #DatasheetDescription
Diotech Company.
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
TAITRON Components Incorporated
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
DAESAN ELECTRONIC CORP.
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
Formosa MS
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
   1W, 10V - 200V Surface Mount Silicon Zener Diode
Jinan Gude Electronic Device
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
DIYI Electronic Technology Co., Ltd.
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
List of Unclassifed Manufacturers
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
SeCoS Halbleitertechnologie GmbH
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
Diotech Company.
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com