Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7445W Datasheet (PDF) - Belden Inc.

Part # 7445W
Description  MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
File Size   141.63 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7445W Datasheet (PDF) - Belden Inc.



Similar Part No. - 7445W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7445WS BELDEN-7445WS Datasheet
149Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, OA TC Brd, TPE Jkt, TPE Jkt,1000V WTTC, 600V TC-ER
01-10-2024
7445WS-0601000 BELDEN-7445WS-0601000 Datasheet
149Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, OA TC Brd, TPE Jkt, TPE Jkt,1000V WTTC, 600V TC-ER
01-10-2024
7445WS-060250 BELDEN-7445WS-060250 Datasheet
149Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, OA TC Brd, TPE Jkt, TPE Jkt,1000V WTTC, 600V TC-ER
01-10-2024
7445WS-0605000 BELDEN-7445WS-0605000 Datasheet
149Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, OA TC Brd, TPE Jkt, TPE Jkt,1000V WTTC, 600V TC-ER
01-10-2024
More results


Similar Description - 7445W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
A03024R BELDEN-A03024R Datasheet
140Kb / 2P
TC VN/PVC, 3 C #2 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
A03121W BELDEN-A03121W Datasheet
140Kb / 2P
TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
09-05-2023
A03162R BELDEN-A03162R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03044R BELDEN-A03044R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03122R BELDEN-A03122R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03122J BELDEN-A03122J Datasheet
139Kb / 2P
TC VN/PVC, 3G C #1212 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28148A BELDEN-28148A Datasheet
210Kb / 2P
TC VN/PVC, 12 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
A03142Q BELDEN-A03142Q Datasheet
141Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A04122R BELDEN-A04122R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com