Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7445WS Datasheet (PDF) - Belden Inc.

7445WS Datasheet PDF - Belden Inc.
Part # 7445WS
Download  7445WS Download
File Size   149.47 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, OA TC Brd, TPE Jkt, TPE Jkt,1000V WTTC, 600V TC-ER

7445WS Datasheet (PDF)

Go To PDF Page Download Datasheet
7445WS Datasheet PDF - Belden Inc.

Part # 7445WS
Download  7445WS Click to download

File Size   149.47 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, OA TC Brd, TPE Jkt, TPE Jkt,1000V WTTC, 600V TC-ER

7445WS Datasheet (HTML) - Belden Inc.


7445WS Product details

Product Description
MachFlex™ for High Flex, 3+1G Conductor 12AWG (65x30) Bare Copper, PVC-NYL Insulation, Overall Tinned Copper Braid(85%) Shield, TPE Inner Jacket,
TPE Outer Jacket, 1000V WTTC, 600V TC-ER




Similar Part No. - 7445WS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7445W BELDEN-7445W Datasheet
141Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
01-10-2024
7445W-0601000 BELDEN-7445W-0601000 Datasheet
141Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
01-10-2024
7445W-060250 BELDEN-7445W-060250 Datasheet
141Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
01-10-2024
7445W-0605000 BELDEN-7445W-0605000 Datasheet
141Kb / 2P
MachFlex™, 31G C #12 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
01-10-2024
More results


Similar Description - 7445WS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9952 BELDEN-9952 Datasheet
146Kb / 2P
Electronic, 2 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9962 BELDEN-9962 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9963 BELDEN-9963 Datasheet
148Kb / 2P
Electronic, 3 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9965 BELDEN-9965 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9953 BELDEN-9953 Datasheet
148Kb / 2P
Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9967 BELDEN-9967 Datasheet
148Kb / 2P
Electronic, 3 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9961 BELDEN-9961 Datasheet
159Kb / 2P
Electronic, 1 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9951 BELDEN-9951 Datasheet
144Kb / 2P
Electronic, 1 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9968 BELDEN-9968 Datasheet
161Kb / 2P
Electronic, 4 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9964 BELDEN-9964 Datasheet
161Kb / 2P
Electronic, 4 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com