Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC102 Datasheet (PDF) - Sanken electric

Part # SC102
Description  30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
File Size   598.85 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SC102 Datasheet (PDF) - Sanken electric



Similar Part No. - SC102

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC102202 FREESCALE-SC102202 Datasheet
6Mb / 142P
Device User Guide
SC102202 FREESCALE-SC102202 Datasheet
1Mb / 140P
Device User Guide
SC102203 FREESCALE-SC102203 Datasheet
6Mb / 142P
Device User Guide
SC102203 FREESCALE-SC102203 Datasheet
1Mb / 140P
Device User Guide
SC102204 FREESCALE-SC102204 Datasheet
6Mb / 142P
Device User Guide
More results


Similar Description - SC102

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
logo
Power Integrations, Inc...
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
45 W, Universal Input, LCD Monitor Internal Supply
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
logo
Sanken electric
STR-W6253MD SANKEN-STR-W6253MD Datasheet
575Kb / 14P
60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators
logo
Allegro MicroSystems
STR-W6252D ALLEGRO-STR-W6252D Datasheet
588Kb / 15P
60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com