Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-W6253MD Datasheet (PDF) - Sanken electric

STR-W6253MD Datasheet PDF - Sanken electric
Part # STR-W6253MD
Download  STR-W6253MD Download

File Size   575.2 Kbytes
Page   14 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators

STR-W6253MD Datasheet (PDF)

Go To PDF Page Download Datasheet
STR-W6253MD Datasheet PDF - Sanken electric

Part # STR-W6253MD
Download  STR-W6253MD Click to download

File Size   575.2 Kbytes
Page   14 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators

STR-W6253MD Datasheet (HTML) - Sanken electric




Similar Part No. - STR-W6253MD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-W6253D SANKEN-STR-W6253D Datasheet
85Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
More results


Similar Description - STR-W6253MD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-W6252D ALLEGRO-STR-W6252D Datasheet
588Kb / 15P
60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
logo
Sanken electric
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
logo
Allegro MicroSystems
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
Universal Input: 90-264 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com