Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-263L Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-263L Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-263L
Download  HCPL-263L Download
File Size   187.66 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers

HCPL-263L Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-263L Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-263L
Download  HCPL-263L Click to download

File Size   187.66 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers

HCPL-263L Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-263L Product details

Description

The HCPL-260L/060L/263L/063L are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo detector. An enable input allows the detector to be strobed. The output of the detector IC is an open collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 15 kV/µs.



Features

• Low power consumption

• 15 kV/µs minimum Common Mode Rejection (CMR) at VCM = 50 V

• High speed: 15 MBd typical

• LVTTL/LVCMOS compatible

• Low input current capability: 5 mA

• Guaranteed AC and DC performance over temperature: –40˚C to +85˚C

• Available in 8-pin DIP, SOIC-8

• Strobable output (single channel products only)

• Safety approvals; UL, CSA, VDE (pending)



Applications

• Isolated line receiver

• Computer-peripheral interfaces

• Microprocessor system interfaces

• Digital isolation for A/D, D/A conversion

• Switching power supply

• Instrument input/output isolation

• Ground loop elimination

• Pulse transformer replacement

• Field buses



 




Similar Part No. - HCPL-263L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L-000E AVAGO-HCPL-263L-000E Datasheet
216Kb / 20P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Similar Description - HCPL-263L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com