Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-060L-000E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-060L-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-060L-000E
Download  HCPL-060L-000E Download

File Size   333.17 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers

HCPL-060L-000E Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-060L-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-060L-000E
Download  HCPL-060L-000E Click to download

File Size   333.17 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers

HCPL-060L-000E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-060L-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-060L-000E Product details

Description

The HCPL-260L/060L/263L/063L are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo detector. An enable in put allows the detector to be strobed. The output of the detector IC is an open collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 15 kV/μs at 3.3V.

This unique design provides maximum AC and DC circuit isolation while achieving LVTTL/LVCMOS compati-bili ty. The optocoupler AC and DC operational parameters are guaranteed from –40°C to +85°C allowing trouble free system performance.



Features

• 3.3V/5V Dual Supply Voltages

• Low power consumption

• 15 kV/μs minimum Common Mode Rejection (CMR) at VCM = 1000 V

• High speed: 15 MBd typical

• LVTTL/LVCMOS compatible

• Low input current capability: 5 mA

• Guaranteed AC and DC performance over temperature: –40°C to +85°C

• Available in 8-pin DIP, SOIC-8

• Strobable output (single channel products only)

• Safety approvals: UL, CSA, IEC/EN/DIN EN 60747-5-2



Applications

• Isolated line receiver

• Computer-peripheral interfaces

• Microprocessor system interfaces

• Digital isolation for A/D, D/A conversion

• Switching power supply

• Instrument input/output isolation

• Ground loop elimination

• Pulse transformer replacement

• Field buses



 




Similar Part No. - HCPL-060L-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Similar Description - HCPL-060L-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com