Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1427 Datasheet (PDF) - Microchip Technology

TC1427 Datasheet PDF - Microchip Technology
Part # TC1427
Download  TC1427 Download
File Size   453.63 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.2A Dual High-Speed MOSFET Drivers

TC1427 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1427 Datasheet PDF - Microchip Technology

Part # TC1427
Download  TC1427 Click to download

File Size   453.63 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.2A Dual High-Speed MOSFET Drivers

TC1427 Datasheet (HTML) - Microchip Technology


TC1427 Product details

GENERAL DESCRIPTION
The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency.
These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic transistor responsible for CMOS latch-up. They incorporate a number of other design and process refinements to increase their long-term reliability.
The TC1426 is compatible with the bipolar DS0026, but only draws 1/5 of the quiescent current. The TC1426/27/28 are also compatible with the TC426/27/28, but with 1.2A peak output current rather than the 1.5A of the TC426/27/28 devices.

FEATURES
■ Low Cost
■ Latch-Up Protected: Will Withstand 500 mA Reverse
   Output Current
■ ESD Protected ...................................................±2 kV
■ High Peak Output Current........................ 1.2A Peak
■ High Capacitive Load Drive
   Capability...................................... 1000pF in 38nsec
■ Wide Operating Range ........................... 4.5V to 16V
■ Low Delay Time...................................... 75nsec Max
■ Logic Input Threshold Independent of
   Supply Voltage
■ Output Voltage Swing to Within 25mV of
   Ground or VDD
■ Low Output Impedance ........................................ 8Ω

APPLICATIONS
■ Power MOSFET Drivers
■ Switched Mode Power Supplies
■ Pulse Transformer Drive
■ Small Motor Controls
■ Print Head Drive




Similar Part No. - TC1427

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1427 TELCOM-TC1427 Datasheet
81Kb / 6P
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427 MICROCHIP-TC1427 Datasheet
568Kb / 14P
1.2A Dual High-Speed MOSFET Drivers
2006
TC1427 MICROCHIP-TC1427 Datasheet
768Kb / 16P
1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
TelCom Semiconductor, I...
TC1427COA TELCOM-TC1427COA Datasheet
81Kb / 6P
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427COA MICROCHIP-TC1427COA Datasheet
568Kb / 14P
1.2A Dual High-Speed MOSFET Drivers
2006
More results


Similar Description - TC1427

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
1.2A Dual High-Speed MOSFET Drivers
2006
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com