Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34152PG Datasheet (PDF) - ON Semiconductor

MC34152PG Datasheet PDF - ON Semiconductor
Part # MC34152PG
Download  MC34152PG Download

File Size   228.83 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed Dual MOSFET Drivers

MC34152PG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34152PG Datasheet PDF - ON Semiconductor

Part # MC34152PG
Download  MC34152PG Click to download

File Size   228.83 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed Dual MOSFET Drivers

MC34152PG Datasheet (HTML) - ON Semiconductor

Back Button MC34152PG Datasheet HTML 1Page - ON Semiconductor MC34152PG Datasheet HTML 2Page - ON Semiconductor MC34152PG Datasheet HTML 3Page - ON Semiconductor MC34152PG Datasheet HTML 4Page - ON Semiconductor MC34152PG Datasheet HTML 5Page - ON Semiconductor MC34152PG Datasheet HTML 6Page - ON Semiconductor MC34152PG Datasheet HTML 7Page - ON Semiconductor MC34152PG Datasheet HTML 8Page - ON Semiconductor MC34152PG Datasheet HTML 9Page - ON Semiconductor MC34152PG Datasheet HTML 10Page - ON Semiconductor Next Button 

MC34152PG Product details

The MC34152/MC33152 are dual noninverting high speed drivers specifically designed for applications that require low current digital signals to drive large capacitive loads with high slew rates. These devices feature low input current making them CMOS/LSTTL logic compatible, input hysteresis for fast output switching that is independent of input transition time, and two high current totem pole outputs ideally suited for driving power MOSFETs. Also included is an undervoltage lockout with hysteresis to prevent system erratic operation at low supply voltages. Typical applications include switching power supplies, dc−to−dc converters, capacitor charge pump voltage doublers/inverters, and motor controllers. This device is available in dual−in−line and surface mount packages.



Features

• Two Independent Channels with 1.5 A Totem Pole Outputs

• Output Rise and Fall Times of 15 ns with 1000 pF Load

• CMOS/LSTTL Compatible Inputs with Hysteresis

• Undervoltage Lockout with Hysteresis

• Low Standby Current

• Efficient High Frequency Operation

• Enhanced System Performance with Common Switching Regulator Control ICs

• NCV Prefix for Automotive and Other Applications Requiring Site and Change Controls

• These are Pb−Free and Halide−Free Devices




Similar Part No. - MC34152PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Similar Description - MC34152PG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com