Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX28F1000P Datasheet (PDF) - Macronix International

MX28F1000P Datasheet PDF - Macronix International
Part # MX28F1000P
Download  MX28F1000P Download
File Size   127.0 Kbytes
Page   33 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 1M-BIT [128K x 8] CMOS FLASH MEMORY

MX28F1000P Datasheet (PDF)

Go To PDF Page Download Datasheet
MX28F1000P Datasheet PDF - Macronix International

Part # MX28F1000P
Download  MX28F1000P Click to download

File Size   127.0 Kbytes
Page   33 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 1M-BIT [128K x 8] CMOS FLASH MEMORY

MX28F1000P Datasheet (HTML) - Macronix International


MX28F1000P Product details

GENERAL DESCRIPTION
The MX28F1000P is a 1-mega bit Flash memory organized as 128K bytes of 8 bits each. MXICs Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX28F1000P is packaged in 32-pin PDIP, PLCC and TSOP. It is designed to be reprogrammed and erased in-system or in-standard EPROM programmers.

FEATURES
• 131,072 bytes by 8-bit organization
• Fast access time: 70ns(Vcc:5V±5%; CL:35pF) 
                               90/120ns(Vcc:5V±10%; CL:100pF)
• Low power consumption
    – 50mA maximum active current
    – 100uA maximum standby current
• Programming and erasing voltage 12V ± 5%
• Command register architecture
    – Byte Programming (15us typical)
    – Auto chip erase 5 seconds typical (including preprogramming time)
    – Block Erase
• Optimized high density blocked architecture
    – Four 4-KB blocks
    – Seven 16-KB blocks
• Auto Erase (chip & block) and Auto Program
    – DATA polling
    – Toggle bit
• 10,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1 to VCC+1V
• Advanced CMOS Flash memory technology
• Compatible with JEDEC-standard byte-wide 32-pin EPROM pinouts
• Package type:
    – 32-pin plastic DIP
    – 32-pin PLCC
    – 32-pin TSOP (Type 1)




Similar Part No. - MX28F1000P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Similar Description - MX28F1000P

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
128K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
NX29F010 ETC1-NX29F010 Datasheet
378Kb / 25P
1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
FLASH MEMORY CMOS 8M (1M X 8) BIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com