Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29EE011 Datasheet (PDF) - Winbond

W29EE011 Datasheet PDF - Winbond
Part # W29EE011
Download  W29EE011 Download
File Size   183.23 Kbytes
Page   20 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 CMOS FLASH MEMORY

W29EE011 Datasheet (PDF)

Go To PDF Page Download Datasheet
W29EE011 Datasheet PDF - Winbond

Part # W29EE011
Download  W29EE011 Click to download

File Size   183.23 Kbytes
Page   20 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 CMOS FLASH MEMORY

W29EE011 Datasheet (HTML) - Winbond


W29EE011 Product details

GENERAL DESCRIPTION

The W29EE011 is a 1-megabit, 5-volt only CMOS flash memory organized as 128K ×8 bits. The device can be programmed and erased in-system with a standard 5V power supply. A 12-volt VPPis not required. The unique cell architecture of the W29EE011 results in fast program/erase operations with extremely low current consumption (compared toother comparable 5-volt flash memory products). 



FEATURES

Single 5-volt program and erase operations  

Fast page-write operations 

  −128 bytes per page

  −Page program cycle: 10 mS (max.)

  −Effective byte-program cycle time: 39 µS

  −Optional software-protected data write

Fast chip-erase operation: 50 mS

Read access time: 90/150 nS

Page program/erase cycles: 1K/10K

Ten-year data retention

Software and hardware data protection

Low power consumption

  −Active current: 25 mA (typ.)

  −Standby current: 20 µA (typ.)

Automatic program timing with internal VPPgeneration

End of program detection

  −Toggle bit

  −Data polling

Latched address and data

TTL compatible I/O

JEDEC standard byte-wide pinouts

Available packages: 32-pin 600 mil DIP, 32-pin TSOP (8 x 20 mm), 32-pin STSOP 

(8 x 14 mm), 32-pin PLCC, and Lead-free 32-pin PLCC




Similar Part No. - W29EE011

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
More results


Similar Description - W29EE011

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F010 INTEL-28F010 Datasheet
405Kb / 30P
1024K (128K x 8) CMOS FLASH MEMORY
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
28F010 1024K (128K X 8) CMOS FLASH MEMORY
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
128K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com