Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4028 Datasheet (PDF) - Intersil Corporation

CD4028 Datasheet PDF - Intersil Corporation
Part # CD4028
Download  CD4028 Download
File Size   93.82 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS BCD-To-Decimal Decoder

CD4028 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4028 Datasheet PDF - Intersil Corporation

Part # CD4028
Download  CD4028 Click to download

File Size   93.82 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS BCD-To-Decimal Decoder

CD4028 Datasheet (HTML) - Intersil Corporation


CD4028 Product details

Description
CD4028BMS types are BCD-to-decimal or binary-to-octal decoders consisting of buffering on all 4 inputs, decoding logic gates, and 10 output buffers. A BCD code applied to the four inputs, A to D, results in a high level at the selected one of 10 decimal decoded outputs. Similarly, a 3-bit binary code applied to inputs A through C is decoded in octal code at output 0 to 7 if D = “0”. High drive capability is provided at all outputs to enhance dc and dynamic performance in high fan-out applications.

Features
• High Voltage Type (20V Rating)
• BCD-to-Decimal Decoding or Binary-to-Octal Decoding
• High Decoded Output Drive Capability
• “Positive Logic” Inputs and Outputs - Decoded Outputs Go High On Selection
• Medium-Speed Operation
    - tPHL, tPLH = 80ns (typ) at VDD = 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested For Quiescent Current at 20V
• Maximum Input Current of 1µA at 18V Over Full Package-Temperature Range;
    - 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
    - 1V at VDD = 5V
    - 2V at VDD = 10V
    - 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”

Applications
• Code Conversion
• Indication-Tube Decoder
• Address Decoding - Memory Selection Control




Similar Part No. - CD4028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028 NSC-CD4028 Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
logo
Texas Instruments
CD4028 TI-CD4028 Datasheet
215Kb / 11P
BCD-TO-CECIMAL DECODER
logo
Fairchild Semiconductor
CD4028 FAIRCHILD-CD4028 Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
logo
SYC Electronica
CD4028 SYC-CD4028 Datasheet
126Kb / 10P
CMOS BCD-To-Decimal Decoder
logo
Texas Instruments
CD4028B TI-CD4028B Datasheet
215Kb / 11P
BCD-TO-CECIMAL DECODER
More results


Similar Description - CD4028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Renesas Technology Corp
CD4028BMS RENESAS-CD4028BMS Datasheet
417Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com