Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4028B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4028B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4028B
Download  HEF4028B Download
File Size   209.27 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description BCD to decimal decoder

HEF4028B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4028B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4028B
Download  HEF4028B Click to download

File Size   209.27 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description BCD to decimal decoder

HEF4028B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4028B Product details

1. General description
The HEF4028B is a 4-bit BCD to 1-of-10 decoder. A 1-2-4-8 BCD code applied to inputs A0 to A3
causes the selected output to be HIGH, the other nine will be LOW. To use as a 1-of-8 decoder with
enable, 3-bit octal inputs are applied to inputs A0 , A1 and A2 selecting an output Y0 to Y7 . Input
A3 then becomes an active LOW enable, forcing the selected output LOW when A3 is HIGH. The
device may also be used as an 8-output (Y0 to Y7) demultiplexer with A0 to A2 as address inputs
and A3 as an active LOW data input. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - HEF4028B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4028B PHILIPS-HEF4028B Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
HEF4028BD PHILIPS-HEF4028BD Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
HEF4028BF PHILIPS-HEF4028BF Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
HEF4028BN PHILIPS-HEF4028BN Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
HEF4028BP PHILIPS-HEF4028BP Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
More results


Similar Description - HEF4028B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
System Logic Semiconduc...
SL4028B SLS-SL4028B Datasheet
44Kb / 5P
BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com