Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT7000SC Datasheet (PDF) - Aeroflex Circuit Technology

ACT7000SC Datasheet PDF - Aeroflex Circuit Technology
Part # ACT7000SC
Download  ACT7000SC Download
File Size   487.1 Kbytes
Page   25 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT 7000SC 64-Bit Superscaler Microprocessor

ACT7000SC Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT7000SC Datasheet PDF - Aeroflex Circuit Technology

Part # ACT7000SC
Download  ACT7000SC Click to download

File Size   487.1 Kbytes
Page   25 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT 7000SC 64-Bit Superscaler Microprocessor

ACT7000SC Datasheet (HTML) - Aeroflex Circuit Technology


ACT7000SC Product details

DESCRIPTION
The ACT 7000SC is a highly integrated symmetric superscalar microprocessor capable of issuing two instructions each processor cycle. It has two high performance 64-bit integer units as well as a high throughput, fully pipelined 64-bit floating point unit.

Features
■ Full militarized QED RM7000 microprocessor
■ Dual Issue symmetric superscalar microprocessor with instruction prefetch optimized for system level price/performance
    ● 150, 200, 210, 225 MHz operating frequency Consult Factory for latest speeds
    ● MIPS IV Superset Instruction Set Architecture
■ High performance interface (RM52xx compatible)
    ● 600 MB per second peak throughput
    ● 75 MHz max. freq., multiplexed address/data
    ● Supports 1/2 clock multipliers (2, 2.5, 3, 3.5, 4, 4.5, 5, 6, 7, 8, 9)
    ● IEEE 1149.1 JTAG (TAP) boundary scan
■ Integrated primary and secondary caches - all are 4-way set associative with 32 byte line size
    ● 16KB instruction
    ● 16KB data: non-blocking and write-back or write-through
    ● 256KB on-chip secondary: unified, non-blocking, block writeback
■ MIPS IV instruction set
    ● Data PREFETCH instruction allows the processor to overlap cache miss latency and instruction execution
    ● Floating point combined multiply-add instruction increases performance in signal processing and graphics applications
    ● Conditional moves reduce branch frequency
    ● Index address modes (register + register)
■ Embedded supply de-coupling capacitors and additional PLL filter components
■ Integrated memory management unit (ACT52xx compatible)
    ● Fully associative joint TLB (shared by I and D translations)
    ● 48 dual entries map 96 pages
    ● 4 entry DTLB and 4 entry ITLB
    ● Variable page size (4KB to 16MB in 4x increments)
■ Embedded application enhancements
    ● Specialized DSP integer Multiply-Accumulate instruction, (MAD/MADU) and three-operand multiply instruction (MUL/U)
    ● Per line cache locking in primaries and secondary
    ● Bypass secondary cache option
    ● I&D Test/Break-point (Watch) registers for emulation & debug
    ● Performance counter for system and software tuning & debug
    ● Ten fully prioritized vectored interrupts - 6 external, 2 internal, 2 software
    ● Fast Hit-Writeback-Invalidate and Hit-Invalidate cache operations for efficient cache management
■ High-performance floating point unit - 600 M FLOPS maximum
    ● Single cycle repeat rate for common single-precision operations and some double-precision operations
    ● Single cycle repeat rate for single-precision combined multiplyadd operations
    ● Two cycle repeat rate for double-precision multiply and double-precision combined multiply-add operations
■ Fully static CMOS design with dynamic power down logic
    ● Standby reduced power mode with WAIT instruction
    ● 4 watts typical @ 2.5V Int., 3.3V I/O, 200MHz
■ 208-lead CQFP, cavity-up package (F17)
■ 208-lead CQFP, inverted footprint (F24), with the same pin rotation as the commercial QED RM5261




Similar Part No. - ACT7000SC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
More results


Similar Description - ACT7000SC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
ACT5231 32-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
ACT 5261 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
ACT5270 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
ACT5271 64-Bit Superscaler Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
64-Bit RISC Microprocessor
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com