Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT5231 Datasheet (PDF) - Aeroflex Circuit Technology

ACT5231 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT5231
Download  ACT5231 Download
File Size   92.56 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5231 32-Bit Superscaler Microprocessor

ACT5231 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT5231 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT5231
Download  ACT5231 Click to download

File Size   92.56 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5231 32-Bit Superscaler Microprocessor

ACT5231 Datasheet (HTML) - Aeroflex Circuit Technology


ACT5231 Product details

DESCRIPTION
The ACT5231 is a highly integrated superscalar microprocessor that implements a superset of the MIPS IV Instruction Set Architecture(ISA). It has a high performance 64-bit integer unit, a high throughput, fully pipelined 64-bit floating point unit, an operating system friendly memory management unit with a 48-entry fully associative TLB, a 32KB 2-way set associative instruction cache, a 32KB 2-way set associative data cache, and an efficient 32-bit system interface. The ACT5231 can issue both an integer and a floating point instruction in the same cycle.

Features
■ Full militarized QED RM5231 microprocessor
■ Pinout compatible with popular RM5230 with split power sup plies (2.5V and 3.3V)
■ Dual Issue superscalar microprocessor - can issue one integer and one floating-point instruction per cycle
    ● 133, 150 and 200 MHz operating frequencies – Consult Factory for latest speeds
    ● 325 Dhrystone2.1 MIPS
    ● SPECInt95 5.0, SPECfp95 5.25
■ System interface optimized for embedded applications
    ● 32-bit system interface lowers total system cost
    ● High performance write protocols maximize uncached write bandwidth with 600 MB per second peak throughput
    ● Operates at processor clock divisors 2, 2.5, 3, 3.5,4, 4.5, 5, 6, 7, 8, 9
    ● IEEE 1149.1 JTAG boundary scan
■ Integrated on-chip caches
    ● 32KB instruction and 32KB data - 2 way set associative and per set locking
    ● Virtually indexed, physically tagged
    ● Write-back and write-through on per page basis
    ● Pipeline restart on first double for data cache misses
■ Integrated memory management unit
    ● Fully associative joint TLB (shared by I and D translations)
    ● 48 dual entries map 96 pages
    ● Variable page size (4KB to 16MB in 4x increments)
■ High-performance floating point unit
    ● 532 MFLOPS single-precision performance
    ● Single cycle repeat rate for common single precision opera-tions and some double precision operations
    ● Two cycle repeat rate for double precision multiply and double precision combined multiply-add operations
    ● Single cycle repeat rate for single precision combined multiplyadd operation
■ MIPS IV instruction set
    ● Floating point multiply-add instruction increases performance in signal processing and graphics applications
    ● Conditional moves to reduce branch frequency
    ● Index address modes (register + register)
■ Embedded application enhancements
    ● Specialized DSP integer Multiply-Accumulate instruction and 3 operand multiply instruction
    ● I and D cache locking by set
    ● Optional dedicated exception vector for interrupts
■ Fully static CMOS design with power down logic
    ● Standby reduced power mode with WAIT instruction
    ● 2.7 W typical power @ 200MHz
    ● 2.5V core with 3.3V IO’s
■ 128-pin Power Quad-4 package (F22), Consult Factory for package configuration




Similar Part No. - ACT5231

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
ACT5230 32-Bit Superscaler Microprocessor
More results


Similar Description - ACT5231

ManufacturerPart #DatasheetDescription
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
ACT5230 32-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
ACT 5261 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
ACT5270 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
ACT5271 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com