Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HH-106 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

HH-106 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # HH-106
Download  HH-106 Download
File Size   70.77 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 180쨘 Hybrid Junction, 2 - 200 MHz

HH-106 Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-106 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # HH-106
Download  HH-106 Click to download

File Size   70.77 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 180쨘 Hybrid Junction, 2 - 200 MHz

HH-106 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


HH-106 Product details

Description
3 dB Hybrids are ideal for dividing a signal into two signals of equal amplitude and a constant 90° or 180° phase differential and for Quadrature combining or performing summation/differential combining.

Features
• 0° - 180° Hybrid with Symmetrical Time Delay Between Ports
• Available in Flatpack and Connectorized Packages
• MIL-STD-202 Screening Available




Similar Part No. - HH-106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-106 MACOM-HH-106 Datasheet
84Kb / 2P
180 Hybrid Junctions 2 - 200 MHz
HH-106 MACOM-HH-106 Datasheet
115Kb / 2P
180 Hybrid Junction, 2 - 200 MHz
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
Available in Flatpack and Connectorized Packages
logo
Tyco Electronics
HH-106PIN MACOM-HH-106PIN Datasheet
84Kb / 2P
180 Hybrid Junctions 2 - 200 MHz
HH-106PIN MACOM-HH-106PIN Datasheet
115Kb / 2P
180 Hybrid Junction, 2 - 200 MHz
More results


Similar Description - HH-106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
H-9 MACOM-H-9 Datasheet
176Kb / 2P
Hybrid Junction, 2 MHz - 2 GHz
HH-106 MACOM-HH-106_1 Datasheet
115Kb / 2P
180 Hybrid Junction, 2 - 200 MHz
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
Hybrid Junction, 5 - 200 MHz
logo
SYNERGY MICROWAVE CORPO...
SMJ-C6 SYNERGY-SMJ-C6 Datasheet
99Kb / 2P
180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
SJL-115 SYNERGY-SJL-115 Datasheet
79Kb / 2P
180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
H-9 MA-COM-H-9 Datasheet
60Kb / 2P
Hybrid Junction, 2 MHz - 2 GHz
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-106_107 MA-COM-HH-106_107 Datasheet
70Kb / 2P
180o Hybrid Junction, 2 - 200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com