Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HH-_HHS-109 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

HH-_HHS-109 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # HH-_HHS-109
Download  HH-_HHS-109 Download

File Size   71.22 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Hybrid Junction, 5 - 200 MHz

HH-_HHS-109 Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-_HHS-109 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # HH-_HHS-109
Download  HH-_HHS-109 Click to download

File Size   71.22 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Hybrid Junction, 5 - 200 MHz

HH-_HHS-109 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - HH-_HHS-109

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
HH-0828-1.5 JMK-HH-0828-1.5 Datasheet
106Kb / 1P
   Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
   Hybrid Junction 20 - 300 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
logo
JMK Inc.
HH-1055-6.3 JMK-HH-1055-6.3 Datasheet
117Kb / 1P
   Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
HH-1055-6.3B JMK-HH-1055-6.3B Datasheet
117Kb / 1P
   Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
More results


Similar Description - HH-_HHS-109

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-106_107 MA-COM-HH-106_107 Datasheet
70Kb / 2P
   180o Hybrid Junction, 2 - 200 MHz
HH-106 MA-COM-HH-106 Datasheet
70Kb / 2P
   180쨘 Hybrid Junction, 2 - 200 MHz
logo
Tyco Electronics
HH-106 MACOM-HH-106_1 Datasheet
115Kb / 2P
   180 Hybrid Junction, 2 - 200 MHz
HH-108 MACOM-HH-108 Datasheet
94Kb / 2P
   High-Power Hybrid Junction 200 kHz - 35 MHz
H-1-4 MACOM-H-1-4 Datasheet
102Kb / 1P
   UHF Hybrid Junction 5 MHz - 1 GHz
logo
M/A-COM Technology Solu...
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH_HHS-110_HH-127 MA-COM-HH_HHS-110_HH-127 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com