Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1193 Datasheet (PDF) - DFROBOT

DFR1193 Datasheet PDF - DFROBOT
Part # DFR1193
Download  DFR1193 Download
File Size   146.31 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Woking voltage: 2.25~5.5V DC

DFR1193 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1193 Datasheet PDF - DFROBOT

Part # DFR1193
Download  DFR1193 Click to download

File Size   146.31 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Woking voltage: 2.25~5.5V DC

DFR1193 Datasheet (HTML) - DFROBOT


DFR1193 Product details

Applications
Sensor Arrays: Deploying multiple identical sensors (e.g., light, temperature) in IoT or agricultural monitoring systems. Robotics: Enabling obstacle-avoidance robots with redundant TOF sensors on a single I²C bus. Industrial Automation: Streamlining production line setups with address-conflict-free sensor networks.




Similar Part No. - DFR1193

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1103 DFROBOT-DFR1103 Datasheet
1Mb / 21P
Gravity:GNSS Position & Timing module Wiki - DFRobot
2024/5/15
DFR1108 DFROBOT-DFR1108 Datasheet
110Kb / 3P
Operating voltage: 3.3V-5.5V DC
DFR1114 DFROBOT-DFR1114 Datasheet
2Mb / 12P
DFR0114_Integrated_Drive_N20_Motor_1_150_133RPM-DFRobot
2024/5/15
DFR1117 DFROBOT-DFR1117 Datasheet
1Mb / 23P
Beetle ESP32-C6 Microcontroller Wiki - DFRobot
2024/5/15
DFR1129 DFROBOT-DFR1129 Datasheet
125Kb / 3P
Operating Voltage: 3.3~5V
More results


Similar Description - DFR1193

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LP02U CANDD-LP02U Datasheet
64Kb / 2P
UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
logo
List of Unclassifed Man...
TSD-1251 ETC1-TSD-1251 Datasheet
48Kb / 1P
2.25 WATT SIP DC/DC CONVERTERS
logo
Premier Magnetics, Inc.
B4AR120925 PMI-B4AR120925 Datasheet
24Kb / 1P
2.25 WATT ETHERNET DC/DC CONVERTERS
S6AU050925 PMI-S6AU050925 Datasheet
25Kb / 1P
2.25 WATT SIP DC/DC CONVERTERS
logo
M/A-COM Technology Solu...
MAAVSS0001 MA-COM-MAAVSS0001 Datasheet
110Kb / 5P
2.25 V Voltage Variable Absorptive Attenuator
logo
NXP Semiconductors
PCF21XXC PHILIPS-PCF21XXC Datasheet
205Kb / 24P
Supply voltage 2.25 to 6.0V
1997 Mar 28
logo
Holtek Semiconductor In...
BS812A-1 HOLTEK-BS812A-1 Datasheet
1Mb / 27P
Operating voltage: 2.2V~5.5V
logo
Shanghai Leiditech Elec...
MVR0402-5R5E500 LEIDITECH-MVR0402-5R5E500 Datasheet
623Kb / 5P
Maximum allowable continuous DC voltage 5.5V
logo
EHAOAN.
HS1838T-B-E EHAOAN-HS1838T-B-E Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
HS5338B-D EHAOAN-HS5338B-D Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com