Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB31C2A2CME Datasheet (PDF) - StarTech.com Ltd.

HB31C2A2CME Datasheet PDF - StarTech.com Ltd.
Part # HB31C2A2CME
Download  HB31C2A2CME Download
File Size   106.39 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub 10Gbps - Metal Industrial USB-C Hub - 2x USB-C & 2x USB-A - ESD Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.1 Gen 2 Type-C Hub

HB31C2A2CME Datasheet (PDF)

Go To PDF Page Download Datasheet
HB31C2A2CME Datasheet PDF - StarTech.com Ltd.

Part # HB31C2A2CME
Download  HB31C2A2CME Click to download

File Size   106.39 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub 10Gbps - Metal Industrial USB-C Hub - 2x USB-C & 2x USB-A - ESD Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.1 Gen 2 Type-C Hub

HB31C2A2CME Datasheet (HTML) - StarTech.com Ltd.


HB31C2A2CME Product details

Applications
• Connect equipment to a computer in industrial environments
• Power and charge devices

Features
• INDUSTRIAL 4 PORT USB-C HUB: Expand the connectivity of a USB-C or USB-A computer by adding 2x USB
Type-A & 2x USB Type-C ports; SuperSpeed 10Gbps USB 3.2/3.1 Gen 2 hub; 3.3 ft (1m) USB-C & USB-A host
cables included (w/ screw-lock)
• ESD SURGE PROTECTION: Featuring 15kV Air and 8kV Contact electrostatic discharge protection, this rugged
metal-enclosed hub is suitable for harsh industrial/commercial environments
• POWER & CHARGE: Self powered USB C hub w/ 36W power adapter & terminal block connector (7-24V DC
inputs); Charging w/BC 1.2 for 30W total on all ports Provides 12W (2.4A) on all ports up to a total 30W draw
• INSTALLATION FLEXIBILITY: Mountable USB Type-C Hub with built-in ear mounting allows for wall/surface
mounting; All USB-A & USB-C ports on hub feature screw-lock connectors to prevent accidental cable release
• COMPATIBILITY: USB expansion hub is OS independent, supports Windows, macOS, Linux, iPadOS, Chrome OS,
Android; Thunderbolt 3 & USB 3.0/2.0 compatible; For use in manufacturing, automation, labs, schools, IT; MTT for
max bandwidth with mixed-speed devices




Similar Part No. - HB31C2A2CME

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB31C2A2CB STARTECH-HB31C2A2CB Datasheet
91Kb / 4P
4 Port USB C Hub w/ 2x USB A & 2x USB C - SuperSpeed 10Gbps USB Type-C 3.1/3.2 Gen 2 Hub - USB Bus Powered - Portable USB-C to USB Adapter Hub - Aluminum - 9.8" (25cm) Cable
More results


Similar Description - HB31C2A2CME

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-002-2AM-C TRIPPLITE-U460-002-2AM-C Datasheet
496Kb / 2P
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
CG-7PU312C COOLGEAR-CG-7PU312C Datasheet
119Kb / 3P
USB-C 7 Port Hub with 2 USB-C and 5 USB-A – DIN Rail and Surge Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com